Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

98ASH00962A Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 98ASH00962A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 18Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 19Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
tTCLK
tclkh
tclkl
TCLK
Figure 9. Timer external clock
tICPW
FTMCHn
tICPW
FTMCHn
Figure 10. Timer input capture pulse
Thermal specifications
5.3.1 Thermal characteristics
This section provides information about operating temperature range, power dissipation,
and package thermal resistance. Power dissipation on I/O pins is usually small compared
to the power dissipation in on-chip logic and voltage regulator circuits, and it is user-
determined rather than being controlled by the MCU design. To take PI/O into account in
power calculations, determine the difference between actual pin voltage and VSS or VDD
and multiply by the pin current for each I/O pin. Except in cases of unusually high pin
current (heavy loads), the difference between pin voltage and VSS or VDD will be very
small.
Table 8. Thermal characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
-40 to 105
°C
Junction temperature range
TJ
-40 to 150
°C
Thermal resistance single-layer board
64-pin LQFP
θJA
71
°C/W
64-pin QFP
θJA
61
°C/W
48-pin LQFP
θJA
81
°C/W
44-pin LQFP
θJA
75
°C/W
32-pin LQFP
θJA
86
°C/W
Table continues on the next page...
5.3
Thermal specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
16
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com