Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CXD2411AR Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2411AR
Description  Timing Generator for Color LCD Panels
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2411AR Datasheet(HTML) 5 Page - Sony Corporation

  CXD2411AR Datasheet HTML 1Page - Sony Corporation CXD2411AR Datasheet HTML 2Page - Sony Corporation CXD2411AR Datasheet HTML 3Page - Sony Corporation CXD2411AR Datasheet HTML 4Page - Sony Corporation CXD2411AR Datasheet HTML 5Page - Sony Corporation CXD2411AR Datasheet HTML 6Page - Sony Corporation CXD2411AR Datasheet HTML 7Page - Sony Corporation CXD2411AR Datasheet HTML 8Page - Sony Corporation CXD2411AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
– 5 –
CXD2411AR
Electrical Characteristics
1. DC characteristics
(Temperature = 25°C, VSS = 0V)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply voltage
Input voltage
Input voltage
Input voltage
Input voltage
Input voltage
Output voltage
Output voltage
Output voltage
Output voltage
Output voltage
Output voltage
Input leak current
Input leak current
Input leak current
Output leak current
Current consumption
VDD
VIH
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
VOH
VOL
IL
IIL
IIH
ILZ
IDD
TTL input cell (5V ±10%)
TTL input cell (3.0V ±10%)
TTL input cell
CMOS input cell
CMOS input cell
IOH = –4mA (HCKn, VCKn)
IOL = 8mA (HCKn, VCKn)
IOH = –3mA (CKO, CKI)
IOL = 3mA (CKO, CKI)
IOH = –2mA (other than the above)
IOL = 4mA (other than the above)
Normal input pin
With pull-up resistor
With pull-down resistor
RPDn, FPDn (at high impedance state)
VDD = 5.0V
2.7
2.2
1.8
0.7VDD
VDD – 0.8
VDD/2
VDD – 0.8
–10
–12
12
–40
–100
100
25
5.5
0.8
0.3VDD
0.4
VDD/2
0.4
10
–240
240
40
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
mA
2. AC characteristics
(VDD = 2.7 to 5.5V)
Item
Applicable pins
Min.
Typ. Max. Unit
Conditions
Clock input cycle
Cross-point time difference
Cross-point time difference
Output rise delay
Output fall delay
Output rise delay
Output fall delay
HCK1, SH1 delay time
difference
HCK1, SH1 delay time
difference
HCK2, SH1 delay time
difference
HCK2, SH1 delay time
difference
HCK1 Duty
HCK2 Duty
CKI
HCK1, HCK2
VCK1, VCK2
HCKn, VCKn
HCKn, VCKn
Other than HCKn and VCKn
Other than HCKn and VCKn
HCK1, SH1
HCK1, SH1
HCK2, SH1
HCK2, SH1
HCK1
HCK2
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
CL = 30pF
60
60
60
60
60
46
46
10
10
30
25
40
22
85
95
85
95
52
52
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
%
%
Symbol
∆t
∆t
tpr
tpf
tpr
tpf
dt1
dt2
dt1
dt2
tH/tH + tL
tH/tH + tL
Note) n = 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com