Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS2938CS12 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2938CS12
Description  500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938CS12 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2938CS12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938CS12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS2938
500mA Ultra Low Dropout Voltage Regulator
with Inhibit Function
1/6
Version: E11
SOP-8
General Description
The TS2938 series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current
increases on slightly at dropout, which prolongs battery life. This series of fixed-voltage regulators features very
low ground current (200uA Typ.), very low drop output voltage (Typ. 60mV at light load and 600mV at 500mA)
and output inhibit control. This includes a tight initial tolerance of 2%, extremely good line regulation of 0.05%
typ., and very low output temperature coefficient.
Features
Dropout voltage typically 0.5V @Io=500mA
Output current up to 500mA
Logic Control Electronic Shutdown
Output voltage trimmed before assembly
-18V Reverse peak voltage
+30V Input over voltage protection
+60V Transient peak voltage
Low Quiescent Current 100uA (Typ.) (On Mode)
Internal current limitThermal shutdown protection
Block Diagram
Ordering Information
Note: Where xx denotes voltage option, available are
12= 12V
50= 5.0V
33= 3.3V
Part No.
Package
Packing
TS2938CSxx RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage (Note 2)
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ + 125
oC
Thermal Resistance Junction to Case
TJC
20
oC/W
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Output
8. Input
2. Ground
7. Ground
3. Ground
6. Ground
4. N/C
5. Inhibit


Similar Part No. - TS2938CS12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938CS TSC-TS2938CS Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938CS TSC-TS2938CS Datasheet
302Kb / 7P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938CS2.5 TSC-TS2938CS2.5 Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938CS25 TSC-TS2938CS25 Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938CS3.3 TSC-TS2938CS3.3 Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
More results

Similar Description - TS2938CS12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator
Revision 1.7 September 13, 2006
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
500mA Ultra Low Dropout Voltage Regulator
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com