Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 36Page - STMicroelectronics STPM01_11 Datasheet HTML 37Page - STMicroelectronics STPM01_11 Datasheet HTML 38Page - STMicroelectronics STPM01_11 Datasheet HTML 39Page - STMicroelectronics STPM01_11 Datasheet HTML 40Page - STMicroelectronics STPM01_11 Datasheet HTML 41Page - STMicroelectronics STPM01_11 Datasheet HTML 42Page - STMicroelectronics STPM01_11 Datasheet HTML 43Page - STMicroelectronics STPM01_11 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Theory of operation
STPM01
40/60
Doc ID 10853 Rev 8
8.21.1
Remote reset
The timing diagram of the operation is shown on the Figure 24. The time step can be as
short as 30 ns.
The internal reset signal is named RRR. Unlike the POR, the RRR signal does not cause
the 30 ms retard restart of analog module and the 120 ms retard restart of digital module.
This signal doesn’t clear the mode signals.
8.22
Reading data records
Data records reading will take place most often when there will be an on-board
microcontroller in an application. Such microcontroller will be able to read all measurement
results and all system signals (configuration, calibration, status, mode). Again, the time step
can be as short as 30 ns. There are two phases of reading, called latching and shifting.
Latching is used to sample results into transmission latches. The transmission latches are
the flip-flops that hold the data in the SPI interface. This is done with the active pulse on
SYN when SCS is idle. The length of pulse on SYN must be longer than 2 periods of
measurement clock, i.e. more than 500 ns at 4 MHz.
The shifting starts when SCS become active. In the beginning of this phase another, but
much shorter pulse (30 ns) on SYN should be applied in order to ensure that an internal
transmission serial clock counter is reset to zero. An alternative way is to extend the pulse
on SYN into the second phase of reading. After that reset is done, a 32 serial clocks per
data record should be applied. Up to 8 data records can be read this way. This procedure
can be aborted at any time by deactivation of SCS (see Figure 24).
The first read out byte of data record is least significant byte (LSB) of data value and of
course, the fourth byte is most significant byte (MSB) of data value. Each byte can be further
divided into a pair of 4-bit nibbles, most and least significant nibble (MSN, LSN). This
Figure 24.
Timing for providing remote reset request (1)
1.
All the time intervals must be longer than 30 ns. t7 → t8 is the reset time, this interval must be longer than 30 ns as well.
t
1
t
2
t
3
t
4
t
5
t
6
t
7
t
8
t
9
t
10
SCS
SYN
SCLNLC
SDATD
SCS
SYN
SCLNLC
SDATD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com