Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STRH8N10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STRH8N10
Description  Rad-Hard N-channel 100 V, 6 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH8N10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STRH8N10 Datasheet HTML 2Page - STMicroelectronics STRH8N10 Datasheet HTML 3Page - STMicroelectronics STRH8N10 Datasheet HTML 4Page - STMicroelectronics STRH8N10 Datasheet HTML 5Page - STMicroelectronics STRH8N10 Datasheet HTML 6Page - STMicroelectronics STRH8N10 Datasheet HTML 7Page - STMicroelectronics STRH8N10 Datasheet HTML 8Page - STMicroelectronics STRH8N10 Datasheet HTML 9Page - STMicroelectronics STRH8N10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STRH8N10
6/18
Doc ID 010029 Rev 2
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 50 V, ID = 4 A,
RG = 4.7 Ω, VGS = 12 V
6
4
13
3
10.5
10.5
21.5
5.5
15
17
30
8
ns
ns
ns
ns
Table 8.
Source drain diode(1)
1.
Refer to the
Figure 16: Source drain diode.
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
ISDM
(2)
2.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
6
24
A
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 8 A, VGS = 0
ISD = 8 A, VGS = 0,
TC = 125 °C
1.5
1.275
V
trr
(4)
Qrr
(4)
IRRM
(4)
4.
Not tested in production, guaranteed by process.
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8 A, di/dt = 100
A/µs
VDD= 17 V, Tj = 25 °C
196
245
1.2
10
294
ns
µC
A
trr
(4)
Qrr
(4)
IRRM
(4)
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8 A,
di/dt = 100 A/µs, VDD=
17 V, Tj = 150 °C
282
352
1.7
10.5
422
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com