Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP9808 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9808
Description  짹0.5째C Maximum Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9808 Datasheet(HTML) 5 Page - Microchip Technology

  MCP9808 Datasheet HTML 1Page - Microchip Technology MCP9808 Datasheet HTML 2Page - Microchip Technology MCP9808 Datasheet HTML 3Page - Microchip Technology MCP9808 Datasheet HTML 4Page - Microchip Technology MCP9808 Datasheet HTML 5Page - Microchip Technology MCP9808 Datasheet HTML 6Page - Microchip Technology MCP9808 Datasheet HTML 7Page - Microchip Technology MCP9808 Datasheet HTML 8Page - Microchip Technology MCP9808 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
© 2011 Microchip Technology Inc.
DS25095A-page 5
MCP9808
TIMING DIAGRAM
SENSOR SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground
and CL = 80 pF. (Note 1)
Parameters
Sym
Min
Max
Units
Conditions
2-Wire SMBus/Standard Mode I2C™ Compatible Interface (Note 1)
Serial Port Clock Frequency
fSC
0400
kHz
(Note 2, 4)
Low Clock
tLOW
1300
ns
(Note 2)
High Clock
tHIGH
600
ns
(Note 2)
Rise Time
tR
20
300
ns
Fall Time
tF
20
300
ns
Data in Setup Time
tSU-DI
100
ns
(Note 3)
Data In Hold Time
tHD-DI
0—
ns
(Note 5)
Data Out Hold Time
tHD-DO
200
900
ns
(Note 4)
Start Condition Setup Time
tSU-START
600
ns
Start Condition Hold Time
tHD-START
600
ns
Stop Condition Setup Time
tSU-STOP
600
ns
Bus Free
tB-FREE
1300
ns
Time-out
tOUT
25
35
ms
Bus Capacitive Load
Cb
—400
pf
Note 1:
All values referred to VIL MAX and VIH MIN levels.
2:
If tLOW > tOUT or tHIGH > tOUT, the temperature sensor I
2C interface will time-out. A Repeat Start command
is required for communication.
3:
This device can be used in a Standard mode I2C bus system, but the requirement, tSU-DI ≥ 100 ns, must
be met. This device does not stretch the SCL Low time.
4:
As a transmitter, the device provides internal minimum delay time, tHD-DO MIN, to bridge the undefined
region (min. 200 ns) of the falling edge of SCL, tF MAX, to avoid unintended generation of Start or Stop
conditions.
5:
As a receiver, SDA should not be sampled at the falling edge of SCL. SDA can transition tHD-DI 0 ns after
SCL toggles Low.
tSU-START
tHD-START
tSU-DI
tSU-STOP
tB-FREE
SCL
SDA
tHD-DI/tHD-DO
tHIGH
tLOW
tOUT
tR, tF
START Condition
Data Transmission
STOP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com