Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE724 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE724
Description  18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE724 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE724 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE724 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE724
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
4
Typical Application
ACE724
* When Vin is as low as 5V, Cc is recommended to be 100pf, but not needed when Vin larger than 5V.
Electrical Characteristics
(Vin=12V, TA=25℃)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input voltage range
VDD
4.5
18
V
Feedback voltage
Vref
Vin=12V, Ven=5V
0.90
0.923
0.946
V
Feedback leakage current
Ifb
0.1
0.4
uA
Quiescent current
Iq
Active, Vfb=1V, No switching
1.1
1.5
mA
Shutdown, Vin=8V
6
10
uA
Line regulation
LnReg
Vin=5V to 12V
0.1
%/V
Load regulation
LdReg
Iout=0.1 to 2A
0.02
%/A
Switching
Fsoc
Ven=2V, Vin=12V
340
KHz
PMOS Rdson
RdsonP
130
NMOS Rdson
RdsonN
110
Peak current limit
Llimit
2.5
A
EN high threshold
Venh
1
1.5
2
V
EN low threshold
Venl
0.5
Input over-voltage
Vovp
Ven=2V
18
V
Over temperature proection
TSD
160



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com