Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE2301B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2301B
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2301B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2301B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2301B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE2301B
P-Channel Enhancement Mode MOSFET
VER 1.3
1
Description
ACE2301B is produced with high cell density DMOS trench technology, which is especially used to
minimize on-state resistance. This device particularly suits low voltage applications such as portable
equipment, power management and other battery powered circuits, and low in-line power dissipation are
needed in a very small outline surface mount package with excellent thermal and electrical capabilities.
Features
V
DS
=-20V, VGS 8V, ID=-2.3A
R
DS(ON)
@VGS=-4.5V/ID -2.8A, 100mR(Typ.)
R
DS(ON)
@VGS=-2.5V/ID -2A, 120mR(Typ.)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current
Continuous
ID
-2.3
A
Pulsed
(1)
-10
Power Dissipation
25
OC
PD
750
mW
70
OC
480
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC
Packaging Type
SOT-23-3
3
1
2
SOT-23-3
Description
1
Gate
2
Source
3
Drain


Similar Part No. - ACE2301B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2301BM+H ACE-ACE2301BM+H Datasheet
97Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE2301BM+H ACE-ACE2301BM+H Datasheet
267Kb / 5P
P-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2301B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com