Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA541SA Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 12Page - STMicroelectronics STA541SA Datasheet HTML 13Page - STMicroelectronics STA541SA Datasheet HTML 14Page - STMicroelectronics STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Thermal information
STA541SA
16/26
Doc ID 16988 Rev 2
6
Thermal information
In order to avoid the premature onset of the thermal protection, see Figure 6: Electrical
characteristics on page 9, it is necessary to calculate the required thermal resistance,
Rth_HS, for the heatsink.
The parameters that influence the calculation are:
maximum power dissipated in the device (PdMAX)
maximum thermal resistance junction to case (Rth_j-case)
maximum ambient temperature TambMAX
There is also an additional term that depends on the quiescent current, Iq.
6.1
Heatsink specification examples
6.1.1
Rth_HS calculation
Given that VS = 17 V, RL = 2x 8 Ω , PoutMAX = 2 x 20 W
then the maximum power dissipated in the device is:
PdMAX = 2 * (2 * VS / (π
2 * R
L)) = 2 * 7.32 = 14.6 W
Using this value the required thermal resistance of the heatsink can be determined:
Rth_HS = (150 - TambMAX) / PdMAX - Rth_j-case = (150 - 70) / 14.6 - 2.5 = 3.0 °C/W
6.1.2
Calculations using music power
The thermal resistance value calculated in the above example specifies a heatsink capable
of sustaining the maximum dissipated power. Realistically, however, and as explained in the
Applications note (AN1965), the heatsink can be smaller when the application is musical
content.
When music power is considered the resulting dissipation is about 40% less than the
calculated maximum. Thus, a smaller or cheaper heatsink can be employed.
Using the values in the previous example, the maximum dissipated power reduces to:
PdMAX = 14.6 - 40% = 8.8 W
leading to a heatsink thermal resistance of Rth_HS = 6.6 °C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com