Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS2007 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS2007
Description  3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2007 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS2007_11 Datasheet HTML 2Page - STMicroelectronics TS2007_11 Datasheet HTML 3Page - STMicroelectronics TS2007_11 Datasheet HTML 4Page - STMicroelectronics TS2007_11 Datasheet HTML 5Page - STMicroelectronics TS2007_11 Datasheet HTML 6Page - STMicroelectronics TS2007_11 Datasheet HTML 7Page - STMicroelectronics TS2007_11 Datasheet HTML 8Page - STMicroelectronics TS2007_11 Datasheet HTML 9Page - STMicroelectronics TS2007_11 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Electrical characteristics
TS2007
6/29
Doc ID 13123 Rev 4
3
Electrical characteristics
3.1
Electrical characteristic tables
Table 5.
VCC = +5 V, GND = 0 V, Vic=2.5 V, Tamb = 25 °C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
2.3
3.3
mA
ICC-STBY
Standby current (1)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
Floating inputs, RL = 8Ω
25
mV
Po
Output power
THD = 1% max, f = 1 kHz, RL = 4 Ω
THD = 1% max, f = 1 kHz, RL = 8 Ω
THD = 10% max, f = 1 kHz, RL = 4 Ω
THD = 10% max, f = 1 kHz, RL = 8 Ω
2.3
1.4
2.8
1.7
W
THD + N
Total harmonic distortion + noise
Po = 1WRMS, G = 6 dB, f =1 kHz, RL = 8 Ω
0.4
%
Efficiency
Efficiency
Po = 2.1 WRMS, RL = 4 Ω (with LC output filter)
Po = 1.3 WRMS, RL = 8 Ω (with LC output filter)
84
90
%
PSRR
Power supply rejection ratio with inputs grounded, Cin=1µF
(2)
f = 217 Hz, RL = 8 Ω, Gain=6 dB,Vripple = 200 mVpp
f = 217 Hz, RL = 8 Ω, Gain=12 dB, Vripple = 200 mVpp
63
60
dB
CMRR
Common mode rejection ratio 20 Hz < f < 20 kHz
60
dB
Gain
Gain value
GS =0 V
GS = VCC
11.5
5.5
12
6
12.5
6.5
dB
Zin
Single input impedance (3)
68
75
82
k
Ω
FPWM
Pulse width modulator base frequency
190
280
370
kHz
SNR
Signal-to-noise ratio (A-weighting)
Po=1.5 W, RL=4 Ω (with LC output filter)
94
dB
tWU
Wake-up time
5
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com