Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4604 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 12Page - STMicroelectronics TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics TS4604 Datasheet HTML 15Page - STMicroelectronics TS4604 Datasheet HTML 16Page - STMicroelectronics TS4604 Datasheet HTML 17Page - STMicroelectronics TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Characteristics of the headset driver
TS4604
16/31
Doc ID 17913 Rev 1
Figure 42.
Crosstalk vs. frequency
(left to right, Pout = 35 mW)
Figure 43.
Crosstalk vs. frequency
line driver to headset
Figure 44.
Frequency response
100
1000
10000
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Left to Right
20k
20
Right to Left
Vcc = 3.3V
Pout = 35mW, G=0dB
RL = 32
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
LD to HP left
20k
20
LD to HP right
Vcc = 3.3V
Vout = 2Vrms on LD, G=0dB
RL = 10k
Ω on LD
HP inputs = ground
Tamb = 25
°C
Frequency (Hz)
1000
10000
100000
1000000
1E7
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Vcc = 3.3V, G=0dB
No load
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com