Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS4999 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS4999 Datasheet HTML 25Page - STMicroelectronics TS4999 Datasheet HTML 26Page - STMicroelectronics TS4999 Datasheet HTML 27Page - STMicroelectronics TS4999 Datasheet HTML 28Page - STMicroelectronics TS4999 Datasheet HTML 29Page - STMicroelectronics TS4999 Datasheet HTML 30Page - STMicroelectronics TS4999 Datasheet HTML 31Page - STMicroelectronics TS4999 Datasheet HTML 32Page - STMicroelectronics TS4999 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
TS4999
Application information
29/36
4.9
Output filter considerations
The TS4999 is designed to operate without an output filter. However, due to very sharp
transients on the TS4999 output, EMI-radiated emissions may cause some standard
compliance issues.
These EMI standard compliance issues can appear if the distance between the TS4999
outputs and loudspeaker terminal are long (typically more than 50 mm, or 100 mm in both
directions, to the speaker terminals). Because the PCB layout and internal equipment
device are different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow.
Reduce, as much as possible, the distance between the TS4999 output pins and the
speaker terminals.
Use a ground plane for "shielding" sensitive wires.
Place, as close as possible to the TS4999 and in series with each output, a ferrite bead
with a rated current of at least 2.5 A and impedance greater than 50-
Ω at frequencies
above 30 MHz. If, after testing, these ferrite beads are not necessary, replace them by
a short-circuit.
Allow extra footprint to place, if necessary, a capacitor to short perturbations to ground
(see Figure 60).
Figure 60.
Ferrite chip bead placement
In the case where the distance between the TS4999 output and the speaker terminals is too
long, it is possible to encounter low frequency EMI issues due to the fact that the typical
operating PWM frequency is 280 kHz and that the fall and rise time of the output signal is
less than or equal to 5 ns. In this configuration, it is necessary to use the output filter
represented in Figure 61 on page 30, which consists of L1, C1, L2 and C2 being placed as
close as possible to the TS4999 outputs.
In particular cases where the output filter is used and there is the possibility to disconnect a
load, we recommended using an RC network that consists of C3 and R, as shown in
Figure 61. In this case, when the output filter is connected without any load, the filter acts as
a short-circuit for frequencies above 10 kHz in the output frequency spectrum of the
amplifier. The RC network corrects the frequency response of the output filter and
compensates this limitation.
to speaker
about 100pF
gnd
Ferrite chip bead
From output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com