Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPBT2632C2AT2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPBT2632C2AT2
Description  Bluetooth® technology class-2 module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2632C2AT2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPBT2632C2AT2 Datasheet HTML 6Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 7Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 8Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 9Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 10Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 11Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 12Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 13Page - STMicroelectronics SPBT2632C2AT2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Hardware specifications
SPBT2632C2A
10/27
Doc ID 022833 Rev 4
5
Hardware specifications
General conditions (VIN = 2.5 V and 25 °C).
5.1
Recommended operating conditions
5.2
Absolute maximum ratings
Table 1.
Recommended operating conditions
Rating
Min.
Typical
Max.
Unit
Operating temperature range
-40
-
85
°C
Supply voltage VIN
2.1
2.5
3.6
V
Signal pin voltage
-
2.1
-
V
RF frequency
2400
-
2483.5
MHz
Table 2.
Absolute maximum ratings
Rating
Min.
Typical
Max.
Unit
Storage temperature range
-55
-
+105
°C
Supply voltage, VIN
-0.3
-
+ 5.0
V
I/O pin voltage, VIO
-0.3
-
+ 5.5
V
RF input power
-
-
-5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com