Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10F280 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 16Page - STMicroelectronics ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics ST10F280_12 Datasheet HTML 19Page - STMicroelectronics ST10F280_12 Datasheet HTML 20Page - STMicroelectronics ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics ST10F280_12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 239 page
background image
Ball data
ST10F280
20/239
Doc ID 8673 Rev. 3
P4.0 – P4.7
I/O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. The input
threshold is selectable (TTL or special).
P4.6 & P4.7 outputs can be configured as push-pull or open-drain
drivers.
In case of an external bus configuration, Port 4 can be used to
output the segment address lines:
N16
O
P4.0 A16 Least Significant Segment Address Line
M15
O
P4.1 A17 Segment Address Line
L14
O
P4.2 A18 Segment Address Line
M16
O
P4.3 A19 Segment Address Line
L15
O
I
P4.4 A20 Segment Address Line
CAN2_RxD CAN2 Receive Data Input
L16
O
I
P4.5 A21 Segment Address Line
CAN1_RxD CAN1 Receive Data Input
K14
O
O
P4.6 A22 Segment Address Line, CAN_TxD
CAN1_TxD CAN1 Transmit Data Output
K15
O
O
P4.7 A23 Most Significant Segment Address Line
CAN2_TxD CAN2 Transmit Data Output
RD
J14
O
External Memory Read Strobe. RD is activated for every external
instruction or data read access.
WR/WRL
J15
O
External Memory Write Strobe. In WR-mode this pin is activated for
every external data write access. In WRL-mode this pin is activated
for low byte data write accesses on a 16-bit bus, and for every data
write access on an 8-bit bus. See WRCFG in register SYSCON for
mode selection.
READY/
READY
J16
I
Ready Input. The active level is programmable. When the Ready
function is enabled, the selected inactive level at this pin during an
external memory access will force the insertion of memory cycle
time waitstates until the pin returns to the selected active level.
ALE
J17
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
EA
H17
I
External Access Enable pin. A low level at this pin during and after
Reset forces the ST10F280 to begin instruction execution out of
external memory. A high level forces execution out of the internal
Flash Memory.
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com