Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS6M100DEE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS6M100DEE
Description  High voltage power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6M100DEE Datasheet(HTML) 1 Page - STMicroelectronics

  STPS6M100DEE Datasheet HTML 1Page - STMicroelectronics STPS6M100DEE Datasheet HTML 2Page - STMicroelectronics STPS6M100DEE Datasheet HTML 3Page - STMicroelectronics STPS6M100DEE Datasheet HTML 4Page - STMicroelectronics STPS6M100DEE Datasheet HTML 5Page - STMicroelectronics STPS6M100DEE Datasheet HTML 6Page - STMicroelectronics STPS6M100DEE Datasheet HTML 7Page - STMicroelectronics STPS6M100DEE Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
September 2012
Doc ID 023259 Rev 1
1/8
8
STPS6M100DEE
High voltage power Schottky rectifier
Datasheet
production data
Features
■ Negligible switching losses
■ Extremely fast switching
■ Low thermal resistance
■ High junction temperature capability
■ ECOPACK®2 compliant component
Description
This Schottky rectifier is designed for switch mode
power supply and high frequency DC to DC
converters.
Packaged in PowerFLAT™, this device is
intended for use in low voltage, high frequency,
inverters, free-wheeling, by-pass diode and
polarity protection applications.Its low profile was
especially designed to be used in applications
with space-saving constraints.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
6 A
VRRM
100 V
Tj (max)
150 °C
VF (typ)
0.64 V
A
A
K
A
NC
A
A
NC
NC
A
A
A
A
K
K
PowerFLAT (3.3 x 3.3)
STPS6M100DEE-TR
www.st.com


Similar Part No. - STPS6M100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
More results

Similar Description - STPS6M100DEE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com