Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH102-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH102-Y
Description  Automotive high efficiency ultrafast diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH102-Y Datasheet(HTML) 2 Page - STMicroelectronics

  STTH102-Y Datasheet HTML 1Page - STMicroelectronics STTH102-Y Datasheet HTML 2Page - STMicroelectronics STTH102-Y Datasheet HTML 3Page - STMicroelectronics STTH102-Y Datasheet HTML 4Page - STMicroelectronics STTH102-Y Datasheet HTML 5Page - STMicroelectronics STTH102-Y Datasheet HTML 6Page - STMicroelectronics STTH102-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH102-Y
2/7
Doc ID 17982 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation: P = 0.65 x IF(AV) + 0.130 IF
2
(RMS)
Table 2.
Absolute rating (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IF(AV)
Average forward current
TL = 148 °C δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
40
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-40 to +175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
30
°C/W
Table 4.
Static Electrical Characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
1
µA
Tj = 125 °C
1
25
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 700 mA
0.90
V
IF = 1 A
0.97
Tj = 125 °C
IF = 1 A
0.68
0.78
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A Irr = 0.25 A
IR = 1 A
12
20
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 1 A dIF/dt = 50 A/ms
VFR = 1.1 x VFmax
50
ns
VFP
Forward recovery
voltage
Tj = 25 °C
IF = 1 A dIF/dt = 50 A/ms
1.8
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com