Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCPL-WB-00C2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DCPL-WB-00C2
Description  Wide-band, dual-path directional coupler with ISO port
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00C2 Datasheet(HTML) 1 Page - STMicroelectronics

  DCPL-WB-00C2 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 2010
Doc ID 17994 Rev 1
1/11
11
DCPL-WB-00C2
Wide-band, dual-path directional coupler with ISO port
Features
50
Ω nominal input / output impedance
wide operating frequency range:
– 824 MHz-2170 MHz
low insertion loss (< 0.2 dB)
37 dB typical coupling factor
high directivity (> 20 dB)
high ESD ruggedness
lead-free CSP package
Flip-Chip package
small footprint: 1700 x 1850 µm
very low profile (< 670 µm thickness)
Benefits
high RF performance
RF module size reduction
Complies with the following standards:
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
Multi-band equipment such as:
power amplifier module
front end module
GSM/WCDMA mobile phone
Figure 1.
Pin configuration (bump view)
Description
The DCPL-WB-00C2 is a wide-band, dual-path
directional coupler designed to measure cell
phone transmission output power in
GSM/WCDMA applications. This dual-path CPL
has been customized for wide-band operating
frequencies (EGSM and CELL, PCS, DCS,
WCDMA band I) with less than 0.2 dB insertion
losses in the transmission bandwidth (824 MHz -
1980 MHz).
This device is built with two different RF couplers
(one dedicated to LB, the other dedicated to HB)
sharing the same coupled and isolated ports.The
DCPL-WB-00C2 has been designed using
STMicroelectronics IPD (integrated passive
device) technology on non-conductive glass
substrate to optimize RF performance.
The device is delivered 100% tested in tape and
reel.
Lead-free Flip Chip (8 bumps)
LB Path
HB Path
A1
A2
A3
C1
C2
C3
B1
B3
www.st.com


Similar Part No. - DCPL-WB-00C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
More results

Similar Description - DCPL-WB-00C2

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0869CD14A1810 JOHANSON-0869CD14A1810 Datasheet
157Kb / 2P
870/1810 MHz Dual Band Directional Coupler
0869CP14B1050 JOHANSON-0869CP14B1050 Datasheet
58Kb / 2P
870 / 1050 MHz Directional Coupler, Dual Band, Single Path
logo
STMicroelectronics
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
Wide band directional coupler with ISO port
21-Apr-2010
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
Wide-band directional coupler with ISO port
14-Feb-2012
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
Wide-band, directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
Wide band directional coupler with ISO port
09-Aug-2013
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com