Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF02-SPK01F2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-SPK01F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01F2 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-SPK01F2_11 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF02-SPK01F2
Electrical characteristics
Doc ID 11740 Rev 2
3/7
Figure 8.
Line capacitance versus applied voltage
Figure 4.
S21 (dB) attenuation measurements
and Aplac simulation
Figure 5.
Analog crosstalk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
dB
f/Hz
1.0M
-
-
-
-
-
-
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
dB
f/Hz
-
-
-
-
-
-
Figure 6.
ESD response to IEC 61000-4-2
(+15kV air discharge) on one input
V(in) and one output V(out)
Figure 7.
ESD response to IEC 61000-4-2
(–15kV air discharge) on one input
V(in) and one output V(out)
C(pF)
0
50
100
150
200
250
012
345
V (V)
R
F=1MHz
V
osc=30mVRMS
T
j=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com