Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF02-USB03F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF02-USB03F2
Description  2-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB03F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF02-USB03F2_10 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 7Page - STMicroelectronics EMIF02-USB03F2_10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
EMIF02-USB03F2
4/8
Doc ID 10740 Rev 5
2
Application information
Figure 8.
Application schematic
Figure 9.
Aplac model
Figure 10.
Aplac parameters
R1 = R2 = 33
Ω
Cline = 20 pF max.
D+
D-
Vbus
ID
D+
D+OUT
D+IN
D-IN
D-OUT
Pd2
Pd1
D-
Vbus
ID
GND
GND
R2=33
Ω
R3=1.3k
Ω
Pup
Dz
ID
Vbus
R1=33
Ω
3.3V
EMIF02-USB03F2
R5=15k
Ω
R4=17k
Ω
bulk
MODEL = D02_usb03
R_33R
bulk
bulk
Port1
C2
50
R_1k3
C3
MODEL = D02_usb03
A3
Port2
bulk
50
bulk
A2
MODEL = D02_usb03
B2
R_33R
R_15k
D3
C2
bulk
Lbump
C1
R_17k
B1
bulk
bulk
MODEL = D02_usb03_gnd
C3
D2
C1
bulk
bulk
Rbump
D1
D1
bulk
D3
bulk
bulk
B1
bulk
B3
Lbump
Rbump
D2
Lbump
Rbump
Lgnd
Rgnd
B3
bulk
Cgnd
B1
bulk
B2
Rs
Ls
Rs
Ls
bulk
Rsubump
Cbump
A3
bulk
B2
bulk
A2
bulk
C3
bulk
C2
C1
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
Rsubump
Cbump
bulk
MODEL = D02_usb03
R_33R
bulk
bulk
Port1
C2
50
R_1k3
C3
MODEL = D02_usb03
A3
Port2
bulk
50
bulk
A2
MODEL = D02_usb03
B2
R_33R
R_15k
D3
C2
bulk
Lbump
C1
R_17k
B1
bulk
bulk
MODEL = D02_usb03_gnd
C3
D2
C1
bulk
bulk
Rbump
D1
D1
bulk
D3
bulk
bulk
B1
bulk
B3
Lbump
Rbump
D2
Lbump
Rbump
Lgnd
Rgnd
D2
Lbump
Rbump
Lgnd
Rgnd
B3
bulk
Cgnd
B1
bulk
B2
Rs
Ls
Rs
Ls
bulk
Rsubump
Cbump Rsubump
Cbump
A3
bulk
B2
bulk
A2
bulk
C3
bulk
C2
C1
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Rsubump
Cbump Rsubump
Cbump
Ls 950pH
Rs 150m
R_33R 33
R_1k3 1.3k
R_15k 15k
R_17k 17k
Cz_usb03 11pF
Rs_usb03 1
Cz_usb03_gnd 220pF
Rs_usb03_gnd 0.9
Lgnd 50pH
Rgnd 100m
Cgnd 0.15pF
Lbump 50pH
Rbump 20m
Cbump 2.4pF
Rsubump 100m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com