Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVALSPEAR320HMI Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSPEAR320HMI
Description  EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSPEAR320HMI Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSPEAR320HMI Datasheet HTML 1Page - STMicroelectronics EVALSPEAR320HMI Datasheet HTML 2Page - STMicroelectronics EVALSPEAR320HMI Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018697 Rev 1
1/3
3
EVALSPEAr320HMI
EVALSPEAr320HMI
SPEAr320 expansion board for HMI applications
Features
■ 1 x Ethernet RJ45 connector (ST802RT1A)
■ 1x LCD interface for 5.7” 640x480 EDT screen
(ET057010DHU)
■ 1x Unified LCD interface (EDT displays with
Unified interface)
■ 1x Resistive touch screen interface
(STMPE811)
■ 2 x CAN DB9 plug connectors
■ 3 x RS232 DB9 plug connectors
(ST3232EBTR)
■ Onboard temperature sensor and
potentiometer (STMPE811)
■ 64 Kbit dual interface EEPROM: ISO 15693
and ISO 18000-3 mode 1 compliant
contactless interface + I2C (M24LR64)
■ 4 Gb NAND flash memory
■ PWM mono audio output
■ Analog extension connector featuring 8 ADC
lines
■ General purpose extension connector with
GPIOs and I2C functionality
■ Unified Power Line modem (PLM) connector
■ Raisonance Primer2 extension boards
interface connector
■ DC/DC converter L7986A (+24V/+5V)
■ MicroSDcard socket
■ 4 LEDs
■ 2 general purpose buttons
■ System reset button
Description
The SPEAr320HMI expansion board is intended
to be used in conjunction with a SPEAr320 CPU
board(a) to evaluate the SPEAr320
microprocessor with a variety of devices,
especially in its SMII automation networking
mode.
a.
Sold separately, order code EVALSPEAR320CPU
CPU board
Application board
www.st.com


Similar Part No. - EVALSPEAR320HMI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
More results

Similar Description - EVALSPEAR320HMI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7802 SANYO-LC7802 Datasheet
74Kb / 5P
Output Port Expansion IC for VTR Applications
logo
Texas Instruments
DK-LM3S9B96-EM2 TI-DK-LM3S9B96-EM2 Datasheet
185Kb / 3P
Stellaris짰 EM2 Expansion Board for Development Kits
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
SPEAr320S expansion board for HMI applications
16-Jul-2012
EVALSPEAR320PLC STMICROELECTRONICS-EVALSPEAR320PLC Datasheet
195Kb / 3P
Evaluation board for SPEAr320 embedded MPU
20-Sep-2010
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
EVALSPEAr320PLC evaluation board for the SPEAr320
02-Dec-2010
UM1045 STMICROELECTRONICS-UM1045 Datasheet
829Kb / 36P
This document applies to revision 2 EVALSPEAR320HMI expansion boards
12-Apr-2011
logo
Texas Instruments
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
Inductive Touch Solution for Low-Power HMI Button Applications
logo
STMicroelectronics
X-NUCLEO-GFX01M1 STMICROELECTRONICS-X-NUCLEO-GFX01M1 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
logo
SparkFun Electronics
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com