Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F3DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F3DISCOVERY
Description  STM32 F3 series discovery kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F3DISCOVERY Datasheet HTML 1Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 2Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 023596 Rev 1
1/3
3
STM32F3DISCOVERY
STM32 F3 series discovery kit
Data brief
Features
■ STM32F303VCT6 microcontroller featuring
256 KB Flash, 48 KB RAM in an LQFP100
package
■ On-board ST-LINK/V2 with selection mode
switch to use the kit as a standalone
ST-LINK/V2 (with SWD connector for
programming and debugging)
■ Board power supply: through USB bus or from
an external 3 V or 5 V supply voltage
■ External application power supply: 3 V and 5 V
■ L3GD20, ST MEMs motion sensor, 3-axis
digital output gyroscope
■ LSM303DLHC, ST MEMs system-in-package
featuring a 3D digital linear acceleration sensor
and a 3D digital magnetic sensor
■ Ten LEDs:
– LD1 (red) for 3.3 V power on
– LD2 (red/green) for USB communication
– Eight user LEDS, LD3/10 (red), LD4/9
(blue), LD5/8 (orange) and LD6/7 (green)
■ Two pushbuttons (user and reset)
■ USB USER with Mini-B connector
■ Extension header for all LQFP100 I/Os for
quick connection to prototyping board and easy
probing
Description
The STM32F3DISCOVERY helps you to discover
the STM32 F3 series Cortex-M4 mixed-signals
features and to develop your applications easily. It
includes everything required for beginners and
experienced users to get started quickly.
Based on the STM32F303VCT6, it includes an
ST-LINK/V2 embedded debug tool,
accelerometer, gyroscope and e-compass ST
MEMs, USB connection, LEDs and pushbuttons.
A large number of free ready-to-run application
firmware examples are available on
www.st.com/stm32f3discovery to support quick
evaluation and development.
Table 1.
Device summary
Order code
Reference
STM32F3DISCOVERY
STM32 F3 series discovery
kit
www.st.com


Similar Part No. - STM32F3DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F3DISCOVERY STMICROELECTRONICS-STM32F3DISCOVERY Datasheet
3Mb / 26P
STM32 development boards
More results

Similar Description - STM32F3DISCOVERY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
STM32VLDISCOVERY STMICROELECTRONICS-STM32VLDISCOVERY Datasheet
117Kb / 3P
STM32 value line Discovery
09-Sep-2010
logo
List of Unclassifed Man...
STM32F469 ETC2-STM32F469 Datasheet
267Kb / 4P
Discovery kit with STM32F469NI MCU
logo
STMicroelectronics
32L0538DISCOVERY STMICROELECTRONICS-32L0538DISCOVERY Datasheet
377Kb / 4P
Discovery kit for STM32L0 Series
12-Jan-2016
32F723EDISCOVERY STMICROELECTRONICS-32F723EDISCOVERY Datasheet
315Kb / 4P
Discovery kit with STM32F723IE MCU
17-Jan-2017
32F746GDISCOVERY STMICROELECTRONICS-32F746GDISCOVERY Datasheet
332Kb / 4P
Discovery kit with STM32F746NG MCU
29-Jun-2015
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
32F411EDISCOVERY STMICROELECTRONICS-32F411EDISCOVERY Datasheet
196Kb / 3P
Discovery kit for STM32F411 line
04-Nov-2014
STM32H7B3I-DK STMICROELECTRONICS-STM32H7B3I-DK Datasheet
3Mb / 6P
Discovery kit with STM32H7B3LI MCU
December 2019
STM8A-DISCOVERY STMICROELECTRONICS-STM8A-DISCOVERY Datasheet
232Kb / 4P
STM8A-DISCOVERY Discovery kit for STM8A microcontrollers
15-Nov-2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com