Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-ILB005V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILB005V2
Description  Demonstration board for the L6585DE combo IC for PFC and ballast control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILB005V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILB005V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILB005V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILB005V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILB005V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2009
Rev 2
1/4
4
STEVAL-ILB005V2
Demonstration board for the L6585DE combo IC
for PFC and ballast control
Features
■ Input voltage: 88 Vac - 277 Vac
■ Input frequency: 50 Hz - 60 Hz
■ Output power: 54 W
■ Expected efficiency: 90%
■ Expected Input power: 60 W
■ Minimum PF required: 0.95
■ Maximum THD: 8%
■ Lamp voltage (run mode): 110 Vrms
■ Lamp current (run mode): 455 mArms
■ Maximum ignition voltage: 900 Vpk
■ Maximum preheating voltage: < 240 Vac
■ Preheating time: 1 s
■ Ignition time: 60 - 100 ms
Description
Requirements for modern fluorescent lamp
electronic ballasts focus on driver efficiency and
safety aspects.
Previous dedicated ICs for ballast applications
allowed designers to achieve good driver
efficiency, but they required a lot of external
circuitry to obtain good power factor correction,
low THD and a full set of protection features.
The STEVAL-ILB005V2 demonstration board is
based on the new L6585DE combo IC for ballast
applications, which offers designers a high-
performance PFC stage, and a high capability,
fully programmable, half-bridge high-voltage
driver. The device is also equipped with a full set
of protection features.
Designed in high-voltage BCD off-line technology,
the L6585DE embeds a PFC controller, a half-
bridge controller, the relevant drivers and all the
logic circuitry necessary to build an electronic
ballast.
Another important feature of the IC is its capability
to control and limit the lamp voltage during the
ignition phase.
The pre-heating and ignition durations are
independently configurable, as are the half-bridge
switching frequencies for each operating phase
(pre-heating, ignition and normal mode).
Other features, such as half-bridge over-current
with frequency increase and PFC over-voltage,
allow designers to build a reliable, flexible solution
with a reduced component count.
STEVAL-ILB005V2
www.st.com


Similar Part No. - STEVAL-ILB005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILB001V2 STMICROELECTRONICS-STEVAL-ILB001V2 Datasheet
115Kb / 4P
Discontinuous-conduction mode
23-Sep-2010
STEVAL-ILB004V1 STMICROELECTRONICS-STEVAL-ILB004V1 Datasheet
95Kb / 4P
Demonstration board: multipower ballast for T5 fluorescent tube lamps based on the ST7LIT19BF1 and STP5NK60Z
02-Dec-2008
STEVAL-ILB007V1 STMICROELECTRONICS-STEVAL-ILB007V1 Datasheet
90Kb / 4P
2 x 58 W wide-range ballast based on the L6585DE combo IC
28-Jan-2011
STEVAL-ILB008V1 STMICROELECTRONICS-STEVAL-ILB008V1 Datasheet
118Kb / 4P
End-of-life detection
25-Feb-2011
STEVAL-ILB009V1 STMICROELECTRONICS-STEVAL-ILB009V1 Datasheet
216Kb / 4P
2 x 28 W electronic ballast with active PFC based on the STD3N62K3 and STD845DN40 BJT devices
08-Mar-2012
More results

Similar Description - STEVAL-ILB005V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
PFC and Ballast Control IC
12-Jan-2006
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
PFC & Ballast Control IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D_07 Datasheet
1Mb / 25P
Combo IC for PFC and ballast control
23-May-2007
logo
International Rectifier
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
logo
STMicroelectronics
L6585DE STMICROELECTRONICS-L6585DE Datasheet
2Mb / 33P
Combo IC for PFC and ballast control
10-Apr-2009
logo
International Rectifier
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
PFC & BALLAST CONTROL IC
logo
STMicroelectronics
EVAL6585D-230V STMICROELECTRONICS-EVAL6585D-230V Datasheet
129Kb / 6P
Combo IC for PFC and ballast control
22-Nov-2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com