Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-IPE008V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IPE008V1
Description  Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPE008V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IPE008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IPE008V1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Circuit schematics
STEVAL-IPE008V1
2/8
1
Circuit schematics
Figure 1.
Top layer circuit schematic
PHASE_2
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
SMPS
SMPS
P1
P2
N
P3
5V
GND
3.3V
PHASE_3
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
PHASE_1
PHASE
SDA
SCS
SCL
SYN
N
P
GND
VDD
LED
VOTP
CLKIN
CLKOUT
VDD
VDD
VDD
5V
VDD
5V
VDD
VDD
P3
VOTPL1
SCSL1
SCSL1
P1
P1
N
N
VOTPL3
LEDL3
SCSL3
LEDL3
P3
SCSL3
LEDL1
LEDL1
N
SDA
SCL
SDA
N
SCL
CLKIN
SYN
LEDL2
SYN
SCL
SYN
SYN
2
L
P
T
O
V
2
P
LEDL2
P2
SCSL2
SDA
SDA
SCL
SCSL2
SCSL1
SCSL2
SCSL3
VOTPL1
VOTPL2
VOTPL3
SCS
VOTP
SDA
SCL
SYN
J13
SCSJUMPER
1
2
3
4
5
6
J1
1
2
3
4
5
6
7
8
9
10
J14
JUMPER3
1
2
3
4
5
6
U8B
74HC14A/SO
J7
1
J11
1
J8
1
C2
15pF
C1
15pF
J2
CON20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J12
1
Y1
4.194304MHz
R1
1M
J9
1
J5
1
J10
1
U8A
74HC14A/SO
1
2
AM03204v1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com