Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-ISA032V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA032V1
Description  60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA032V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA032V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA032V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA032V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA032V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA032V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
July 2008
Rev 1
1/5
5
STEVAL-ISA032V1
60 W forward converter demonstration board for fiscal cash register
based on the L5991 and STP10NK60Z
Features
■ Input voltage: VIN: 88 - 265 Vac
– frequency: 50-60 Hz
■ Output voltage: VOUT = 9 V
■ Output current: IOUT = 5.5 A (6 A peak)
■ Efficiency: >75%
■ Safety: EN60950 compliant
■ Conducted EMI: EN55022
Description
The STEVAL- ISA032V1 forward converter
demonstration board is a power supply based on
the primary controller L5991 and the
STP10NK60Z N-channel 600 V power MOSFET.
It is designed to be suitable to supply power to the
electronic fiscal cash register (EFCR)
demonstration board STEVAL-IPC001V1.
The STEVAL- ISA032V1 demonstration board
accepts a wide range of input voltage (88 to 265
Vac) and delivers a single 9 V output with a power
capability of up to 50 W continuous, and 60 W
peak, making it also capable of providing power to
a thermal printer.
STEVAL-ISA032V1
www.st.com


Similar Part No. - STEVAL-ISA032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
Integrated short-circuit protection
18-Jan-2010
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
More results

Similar Description - STEVAL-ISA032V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
27-Nov-2008
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
300 W photovoltaic converter demonstration board based on the SPV1020
08-Aug-2011
AN2623 STMICROELECTRONICS-AN2623 Datasheet
1Mb / 25P
Evaluation board for off-line forward converter based on L5991
29-Oct-2007
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com