Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-ISA045V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA045V1
Description  2 A / 1.2 V high-efficiency synchronous buck converter evaluation board based on the ST1S09
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA045V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA045V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA045V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Circuit schematic
STEVAL-ISA045V1
2/4
1
Circuit schematic
Figure 1.
Schematic
VF
VFB
SW
GND
VIN_A
VIN_SW ST1S09
2
1
5
4
3
R1
R2
L1
Vou
out
C2
6
PG
C1
R3
GND
Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com