Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-ISA079V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA079V2
Description  High-efficiency monolithic synchronous step-down regulator based on the L6928
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA079V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA079V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA079V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA079V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA079V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2011
Doc ID 022262 Rev 2
1/4
4
STEVAL-ISA079V2
High-efficiency monolithic synchronous step-down regulator based
on the L6928
Features
■ 2.0 V to 5.5 V battery input range
■ High efficiency: up to 95%
■ Extremely low quiescent current
■ 1 µA max shutdown supply current
■ 800 mA max output current
■ Adjustable output voltage from 0.6 V
■ Low dropout operation: up to 100% duty cycle
■ ± 1% output voltage accuracy
■ 1.4 MHz switching frequency
■ Externally synchronizable from 1 MHz to 2
MHz
■ Short-circuit protection
■ RoHS compliant
Description
The STEVAL-ISA079V2 demonstration board is
based on the L6928 DC-DC monolithic regulator,
specifically designed to provide extremely high
efficiency.
The L6928 supply voltage can be as low as 2.0 V,
allowing its use in single Li-Ion cell supplied
applications.
The output voltage can be selected by an external
divider down to 0.6 V. The duty cycle can saturate
to 100%, allowing low dropout operation.
Note:
Previous part number EVAL6928Q1
STEVAL-ISA079V2
www.st.com


Similar Part No. - STEVAL-ISA079V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
Extremely low quiescent current
15-Mar-2012
More results

Similar Description - STEVAL-ISA079V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com