Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRIS64K Datasheet(PDF) 13 Page - STMicroelectronics

Part # LRIS64K
Description  64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS64K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LRIS64K Datasheet HTML 9Page - STMicroelectronics LRIS64K Datasheet HTML 10Page - STMicroelectronics LRIS64K Datasheet HTML 11Page - STMicroelectronics LRIS64K Datasheet HTML 12Page - STMicroelectronics LRIS64K Datasheet HTML 13Page - STMicroelectronics LRIS64K Datasheet HTML 14Page - STMicroelectronics LRIS64K Datasheet HTML 15Page - STMicroelectronics LRIS64K Datasheet HTML 16Page - STMicroelectronics LRIS64K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
LRIS64K
User memory organization
Doc ID 15336 Rev 11
13/100
1
32
user
user
user
user
33
user
user
user
user
34
user
user
user
user
35
user
user
user
user
36
user
user
user
user
37
user
user
user
user
38
user
user
user
user
39
user
user
user
user
...
...
...
...
...
...
...
...
...
...
...
63
2016
user
user
user
user
2017
user
user
user
user
2018
user
user
user
user
2019
user
user
user
user
2020
user
user
user
user
2021
user
user
user
user
2022
user
user
user
user
2023
user
user
user
user
2024
user
user
user
user
2025
user
user
user
user
2026
user
user
user
user
2027
user
user
user
user
2028
user
user
user
user
2029
user
user
user
user
2030
user
user
user
user
2031
user
user
user
user
2032
user
user
user
user
2033
user
user
user
user
2034
user
user
user
user
2035
user
user
user
user
2036
user
user
user
user
2037
user
user
user
user
2038
user
user
user
user
2039
user
user
user
user
Table 2.
Sector details (continued)
Sector
number
RF block
address
Bits [31:24]
Bits [23:16]
Bits [15:8]
Bits [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com