Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA8088EXG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 9Page - STMicroelectronics STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STA8088EXG
Pin description
Doc ID 022725 Rev. 2
13/24
P0.9
VDD_IOR5
I
Default
CAN1RX(1): CAN 1 receive data input
B3
I/O
A
GPIO.9: general purpose I/O
O
B
I2C_SCLK: I2C clock
P0.10
VDD_IOR4
I/O
Default
SQI_SIO0/SI: SQI Flash data I/O 0 / ser. I
N11
I/O
A
GPIO10: general purpose I/O
P0.11
VDD_IOR4
I/O
Default
SQI_SIO1/SO: SQI Flash data I/O 1 / ser. O
M10
I/O
A
GPIO11: general purpose I/O
P0.12
VDD_IOR4
I/O
Default
SQI_SIO2: SQI Flash data I/O 2
L10
I/O
A
GPIO12: general purpose I/O
P0.13
VDD_IOR4
I/O
Default
SQI_SIO3: SQI Flash data I/O 3
N10
I/O
A
GPIO13: general purpose I/O
P0.14
VDD_IOR1
O
Default
UART0_RTS: UART0 request to send
J12
I/O
A
GPIO14: general purpose I/O
I
C
MSPIN_sclk: MSP serial clock input
P0.15
VDD_IOR1
I
Default
UART0_CTS: UART0 clear to send
M12
I/O
A
GPIO15: general purpose I/O
IB
Timer_ICAPA: extended function timer - input capture
A
I
C
MSPIN_lrclk: MSP left/right clock input
P0.16
VDD_IOR1
I
Default
UART0_DSR: UART0 data set ready
M13
I/O
A
GPIO16: general purpose I/O
OB
Timer_OCMPA: extended function timer – output
compare A
I
C
MSPIN_SD: MSP serial data input
P0.17
VDD_IOR1
I
Default
UART0_DCD: UART0 data carrier detect
N12
I/O
A
GPIO17: general purpose I/O
IB
Timer_ICAPB: extended function timer - input capture
B
P0.18
VDD_IOR1
O
Default
UART0_DTR: UART0 data terminal read
L12
I/O
A
GPIO18: general purpose I/O
OB
Timer_OCMPB: extended function timer – output
compare B
P0.19
VDD_IOR4
ODefault
SQI_Cen/iopwrsel_r4: SQI Flash chip enable / I/O ring
4 power selection
M11
I/O
A
GPIO19: general purpose I/O
Table 8.
Port 0 pins (continued)
Symbol
I/O voltage
I/O
Mode
Functions
TFBGA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com