Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STI5211 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5211
Description  Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5211 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5211 Datasheet HTML 1Page - STMicroelectronics STI5211 Datasheet HTML 2Page - STMicroelectronics STI5211 Datasheet HTML 3Page - STMicroelectronics STI5211 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
STi5211
2/4
Doc ID 14550 Rev 2
1
Description
The STi5211 is a standard definition, full back-end processor for satellite set-top boxes,
compliant with ATSC, SMPTE VC-1, DVB-S2, DIRECTV, DCII and ARIB BS4 specifications.
It provides very high performance for low-cost SD systems. With its enhanced performance
compared to the STi5202, the STi5211 includes both VC-1 and H.264 video decoders for
new, low bitrate applications.
The main platform target for the STi5211 is the DVB-S2 zapper. Alternatively, the device can
be used in a client box through IP over Ethernet, Multimedia over Coax Alliance (MoCA) or
WiFi.
Figure 1.
STi5211 applications
VCR
PSTN
Si3062
NOR/NAND
IR Rx
Analog
CVBS/YC
HDMI TMDS 1.48GHz
STb6110
ST8024
flash
USB 2.0
MII
Ethernet PHY
Ethernet
Plug
USB 2.0 host plug
STb6110
FE0 - DVB-S2
FE1 - DVB-S1
DiSEqC0
DiSEqC1
Discrete and
power circuitry
Discrete and
power circuitry
PIOs
Key scanning
(no front panel micro-ctrl)
MoCA PHY
Coax
plug
WiFi
EMI/PCI
16
Buffer filter
CEC / DDC
YPbPr
S/PDIF
plug
L
R
27/30MHz
27/30MHz
27/30MHz
Smart card
socket interface
DAA
V92 SW modem
UHF Rx
I2C
EEPROM
Buffer filter
2 x 128 MB
DDR2-333 MHz
STi5211



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com