Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STI5289 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5289
Description  QPSK demodulator and advanced SD decoder SoC for set-top boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5289 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5289 Datasheet HTML 1Page - STMicroelectronics STI5289 Datasheet HTML 2Page - STMicroelectronics STI5289 Datasheet HTML 3Page - STMicroelectronics STI5289 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STi5289
2/4
Doc ID 16358 Rev3
1
Introduction
The STi5289 is targeted at the latest operator and CE manufacturer requirements for
satellite STBs that use advanced decoding (H264/VC-1/MPEG2), and which conform to
DVB, CEA and ITU specifications.
The STi5289 provides a solution for operators to specify a range of low-cost SD STBs
including low-cost zappers, interactive STBs and DVR-capable STBs, with content delivery
possible using satellite broadcast or broadband networks, or both (Hybrid STBs).
The STi5289 is optimized for secure Pay-TV applications with integrated DVB, DES, AES,
Multi-2 and ICAM descramblers and smartcard interfaces.
The STi5289 offers enhancements in performance, features and integration to current users
of ST’s SD AVC family of audio/video decoders, while reducing cost and time-to-market for
the next generation deployments.
Features
Benefits
Combines a DVB-S demodulator with STB
decoding and display functions
This highly integrated SoC helps to reduce board
area and manufacturing cost, allowing low-cost
and small-size STBs to be designed for DVB-S
networks
Serial Flash based secure boot and code
storage, integrated voltage regulator,
23 mm x 23 mm PBGA package
Enables further BOM optimization and cost
reduction of advanced decoding SD STBs
ST40 applications CPU,
32K I cache, 32K D cache
Superscalar performance from a single CPU core,
using standard tools and operating systems (Linux,
OS21)
STMicroelectronics’ video decoding system with
ST231 processor
Decoding of advanced standard definition MPEG2,
H264 and VC-1/WMV9 streams, with the
performance and flexibility for web-based content
decoding such as Flash, DivX, MJPEG and Real
Dual USB 2.0 hosts, Ethernet MAC with
MII/RMII and TMII, PCI, SD-MMC/SDIO
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, home network controllers (for
example MoCA, Wi-Fi), memory cards
Low-power process, design and architecture
Best-in-class, low-power standby mode, to meet
emerging energy standards for STBs. Dynamic
configuration of power to individual sub-systems
enables power-efficient active standby modes
Advanced 2D graphics and display subsystem
and 480p/576p display output
Allows visually appealing user interfaces and video
rich navigation to be offered to consumers, while
high quality progressive output can be watched on
the latest displays



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com