Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STIH207 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STIH207
Description  Advanced dual HD AVC processor with integrated low power standby controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIH207 Datasheet(HTML) 2 Page - STMicroelectronics

  STIH207 Datasheet HTML 1Page - STMicroelectronics STIH207 Datasheet HTML 2Page - STMicroelectronics STIH207 Datasheet HTML 3Page - STMicroelectronics STIH207 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction
STiH207
2/4
Doc ID 022309 Rev 1
1
Introduction
The STiH207 offers current users of ST’s growing family of advanced decoding ICs
enhancements in performance and features, enabling operators to offer consumers new
multimedia-rich services and viewing experiences, including new 3DTV features. Faster
DDR3 memory is also supported, and the applications CPU benefits from an L2 cache. The
STiH207 keeps pace with the latest advanced security requirements of the main CA
vendors, and an integrated standby controller enables the STiH207 to target stringent low
power regulations.
Features
Benefits
ST40 applications CPU, with 32KI and 32KD L1
caches and 256K L2 cache.
High performance processing up to 1020 DMIPS(1)
for applications and middleware.
1.
Frequency for extended mode to be confirmed after silicon characterization.
Integrated low power standby controller within its
own power island.
Secure hibernation to, and fast resume from, very
low power passive standby mode, targeting STB
standby power < 0.5 W.
Latest generation of ST's Delta video decoder
with an ST231-based multi-codec capable
controller, coupled with a High Quality Video
Display Pipeline (HQVDP).
Decoding of advanced high definition standards
(MPEG2, H264, VC-1, AVS) plus the performance
and flexibility for web-based content decoding such
as Flash®, DivX™, MJPEG and Real®, without
impacting applications CPU performance.
Dual USB 2.0 hosts, eSATA, Ethernet MAC with
MII/RMII/TMII interfaces, PCI-e, SD-MMC/SDIO
interface.
Extensive high speed connectivity for the widest
range of STB peripherals, such as Flash drives,
external HDDs, Ethernet, home network controllers
(such as MoCA®, Wi-Fi), DOCSIS® modem and
memory cards.
Decoding of 1080p60 AVC, dual HD AVC and
MVC SHP video streams.
Enables advanced high-definition viewing
experiences including full resolution per eye 3DTV,
full-HD 2D services and HD picture-in-picture
support (HD-PIP).
NOCS1.0/1.1/1.2/3.0, NSK2.0 and DVB-CSA3
ready.
Fully compliant with the latest advanced security
requirements of CA vendors.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com