Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STR2W152D Datasheet(PDF) 3 Page - Sanken electric

Part # STR2W152D
Description  Current Mode Control PWM Regulator ICs For Switching Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2W152D Datasheet(HTML) 3 Page - Sanken electric

  STR2W152D Datasheet HTML 1Page - Sanken electric STR2W152D Datasheet HTML 2Page - Sanken electric STR2W152D Datasheet HTML 3Page - Sanken electric STR2W152D Datasheet HTML 4Page - Sanken electric STR2W152D Datasheet HTML 5Page - Sanken electric STR2W152D Datasheet HTML 6Page - Sanken electric STR2W152D Datasheet HTML 7Page - Sanken electric STR2W152D Datasheet HTML 8Page - Sanken electric STR2W152D Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SANKEN ELECTRIC CO., LTD.
STR2W100D-DS
Current Mode Control PWM Regulator ICs
For Switching Power Supplies
STR2W152D and
STR2W153D
May 14, 2012
Electrical Characteristics of MOSFET Unless specifically noted, TA is 25°C
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage
VDSS
1 – 5
650
――
V
Drain Leakage Current
IDSS
1 – 5
――
300
μA
On-Resistance
RDS(ON)
STR2W152D
1 – 5
――
3.0
Ω
STR2W153D
――
1.9
Ω
Switching Time
tf
1 – 5
――
250
ns
Thermal Resistance*
Rθch-F
STR2W152D
――
2.48
°C/W
STR2W153D
――
1.95
°C/W
*The thermal resistance between the channels of the MOSFET and the internal frame.
Electrical Characteristics of Control Part Unless specifically noted, TA is 25°C, VCC = 18 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Operation Start Voltage
VCC(ON)
4 – 5
13.8
15.3
16.8
V
Operation Stop Voltage*
VCC(OFF)
4 – 5
7.3
8.1
8.9
V
Circuit Current in Operation
ICC(ON)
VCC = 12 V
4 – 5
−−
2.5
mA
Minimum Start Voltage
VST(ON)
4 – 5
40
V
Startup Current
ISTARTUP
VCC = 13.5 V
4 – 5
−3.9
−2.5
−1.1
mA
Startup Current Threshold Biasing
Voltage*
VCC(BIAS)
ICC = –100 μA
4 – 5
8.5
9.5
10.5
V
Average Operation Frequency
fOSC(AVG)
1 – 5
60
67
74
kHz
Frequency Modulation Deviation
Δf
1 – 5
5
kHz
Maximum Duty Cycle
DMAX
1 – 5
65
74
83
%
Leading Edge Blanking Time
tBW
390
ns
OCP Compensation Coefficient
DPC
17
mV/μs
OCP Compensation Duty Cycle Limit
DDPC
36
%
OCP Threshold Voltage at
Zero Duty Cycle
VOCP(L)
3 – 5
0.69
0.78
0.87
V
OCP Threshold Voltage at
36% Duty Cycle
VOCP(H)
3 – 5
0.79
0.88
0.97
V
Maximum Feedback Current
IFB(MAX)
VCC = 12 V
6 – 5
−280
−170
−90
μA
Minimum Feedback Current
IFB(MIN)
6 – 5
−30
−15
−7
μA
FB/OLP Oscillation Stop Threshold
Voltage
VFB(OFF)
VCC = 32 V
6 – 5
1.3
1.4
1.5
V
OLP Threshold Voltage
VFB(OLP)
VCC = 32 V
6 – 5
7.3
8.1
8.9
V
OLP Operation Current
ICC(OLP)
VCC = 12 V
4 – 5
230
−μA
OLP Delay Time
tOLP
1 – 5
54
68
82
ms
FB/OLP Clamp Voltage
VFB(CLAMP)
6 – 5
11
12.8
14
V
OVP Threshold Voltage
VCC(OVP)
4 – 5
26
29
32
V
Thermal Shutdown Activating
Temperature
TJ(TSD)
130
−−
°C
*VCC(BIAS) > VCC(OFF) always.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com