Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9082 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9082
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9082 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9082 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
13
The Control Code sequences are listed in Table 6.
DESCRIPTION
CONTROL CODE
Select 32kHz sample rate
32 x Code 4
Disable the input path HPF
32 x Code 5
Select 10ns output slew rate
32 x Code 6
32 x Code 9
Select 20ns output slew rate
32 x Code 3
Select 40ns output slew rate
32 x Code 3
32 x Code 6
32 x Code 9
Select ‘Best PSRR’ mode
32 x Code 6
32 x Code 10
32 x Code 6
32 x Code 10
32 x Code 6
32 x Code 10
Select ‘Best SNR’ mode
32 x Code 6
32 x Code 3
Table 6 WM9082 Configuration Events
If none of these Control Code sequences is received, then the WM9082 is configured for the following
default operating conditions:
Sample rate is 44.1kHz or 48kHz
Input path High Pass Filter (HPF) enabled
Output slew rate is 10ns
Default PSRR and SNR (see “Electrical Characteristics”)
Note that the default operating conditions are only restored on power-up or following a period when
the CLK input is stopped.
START-UP EVENTS
The WM9082 Class D output is enabled whenever PDM audio data is detected at the input pins, or
when a valid Start-Up Control Code is detected. The WM9082 Start-Up is selected under any of the
conditions described in Table 7. Each of these conditions results in a transition to the “ON” state.
Note that, if SPKVDD > 4.3V, then it is recommended to start up the WM9082 using Code 10; this
ensures that the device is optimally configured for the higher SPKVDD level.
Note that, when the start-up transition occurs as a result of PDM audio data, then the WM9082 will be
enabled in whichever mode had previously been selected (if any). In the case where the “ON” state
has not previously been selected, then the default (SPKVDD = 3.6V) mode is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com