Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8352 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
81
Each output mixer can be enabled or disabled by writing either to the power management control
register or to the respective mixer’s own control register. Each analogue signal going into the output
mixers can be independently enabled or muted for each mixer.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R88 (58h)
Left Mixer
Control
0
INL_TO_MIXOU
TL
0
Left input PGA output to left output
mixer
0 = not selected
1 = selected
1
INR_TO_MIXOU
TL
0
Right input PGA output to left output
mixer
0 = not selected
1 = selected
2
IN3L_TO_MIXO
UTL
0
IN3L amplifier output to left output
mixer:
0 = not selected
1 = selected
11
DACL_TO_MIX
OUTL
0
Left DAC output to left output mixer
0 = not selected
1 = selected
12
DACR_TO_MIX
OUTL
0
Right DAC output to left output mixer
0 = not selected
1 = selected
15
MIXOUTL_ENA
0
Left output mixer enable
0 = disabled
1= enabled
R9 (09h)
Power Mgmt 2
0
R89 (59h)
Right Mixer
Control
0
INL_TO_MIXOU
TR
0
Left input PGA output to right output
mixer
0 = not selected
1 = selected
1
INR_TO_MIXOU
TR
0
Right input PGA output to right
output mixer
0 = not selected
1 = selected
3
IN3L_TO_MIXO
UTR
0
IN3L amplifier output to right output
mixer:
0 = not selected
1 = selected
11
DACL_TO_MIX
OUTR
0
Left DAC output to right output mixer
0 = not selected
1 = selected
12
DACR_TO_MIX
OUTR
0
Right DAC output to right output
mixer
0 = not selected
1 = selected
15
MIXOUTR_ENA
0
Right output mixer enable
0 = disabled
1 = enabled
R9 (09h)
Power Mgmt 2
1
Note: MIXOUTL_ENA and MIXOUTR_ENA can be accessed through two separate control
registers. Reading from or writing to either register location has the same effect.
Table 38 Selecting Signals into the Output Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com