Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SHX1 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # SHX1
Description  500mW Multichannel VHF transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SHX1 Datasheet(HTML) 5 Page - Radiometrix Ltd

  SHX1 Datasheet HTML 1Page - Radiometrix Ltd SHX1 Datasheet HTML 2Page - Radiometrix Ltd SHX1 Datasheet HTML 3Page - Radiometrix Ltd SHX1 Datasheet HTML 4Page - Radiometrix Ltd SHX1 Datasheet HTML 5Page - Radiometrix Ltd SHX1 Datasheet HTML 6Page - Radiometrix Ltd SHX1 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
SHX1 Data Sheet (preliminary)
page 5
NOTE:
In 'FORCE' mode the unit is inoperative after a power down until either another valid FORCE
command is received, or until mode is changed by a GOCHAN, SETPAR or SETSER command.
FORCE mode does not apply any receive frequency offset.
Different values need to be sent when changing from transmit to receive and vice versa.
FORCE is intended mainly for test/diagnostic operation.
A pause of at least 50ms must be allowed between command strings (EEPROM programming time)
Modem mode
The 'modem' mentioned is a 1200baud RS232 semi-intelligent unit (Transmit keyed when valid serial data is
present, so no separate TX control needed. Coding in the datastream also permits the receiver to ignore
noise and only output valid serial data) This is a half duplex unit, so collisions between transmitted and
received packets must be dealt with by the user
If greater modem functionality is needed, then a version (SHZ1) is available which includes a full-function
M48A modem device inside the unit, replacing the i1200 functions (case height is increased by 3mm to
accommodate the extra circuitry). This "SHZ1" only operates in 'modem' mode (no parallel channel select, no
independent transceiver operation)
Ordering Information
Part No.
Application
Channel
spacing
Frequency band
(MHz)
SHX1-144-5
Amateur Radio (e.g. APRS)
25kHz
144.000 - 146.000
SHX1-151-5-12k5-MURS
Multi-Use Radio Service
(MURS) in USA, Canada
12.5kHz
CH0:151.820 –
CH4:154.600MHz
SHX1-169-5-12K5
Meter Reading, Asset Tracking
and Tracing
12.5kHz
CH0:169.40625 –
CH15:169.59375
CH16:169.61875-
CH31:169.806250
SHX1-169-5
25kHz
CH0:169.412500-
CH7:169.587500
CH8:169.62500-
CH15:169.8000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com