Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT7257B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7257B
Description  3A, 18V, 1.2MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7257B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7257B Datasheet HTML 1Page - Richtek Technology Corporation RT7257B Datasheet HTML 2Page - Richtek Technology Corporation RT7257B Datasheet HTML 3Page - Richtek Technology Corporation RT7257B Datasheet HTML 4Page - Richtek Technology Corporation RT7257B Datasheet HTML 5Page - Richtek Technology Corporation RT7257B Datasheet HTML 6Page - Richtek Technology Corporation RT7257B Datasheet HTML 7Page - Richtek Technology Corporation RT7257B Datasheet HTML 8Page - Richtek Technology Corporation RT7257B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT7257B
2
DS7257B-03
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 0.1
μF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 18V. Must bypass with a suitable large ceramic
capacitor.
3
SW
Switch Node. Connect this pin to an external L-C filter.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input. It is used to regulate the output of the converter to a set value
via an external resistive voltage divider.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input Pin. A logic high enables the converter; a logic low forces the
RT7257B into shutdown mode reducing the supply current to less than 3
μA.
Attach this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
μF capacitor sets the
soft-start period to 13.5ms.
Typical Application Circuit
VOUT (V) R1 (kΩ)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
8
27
3
51
2.2
10
22 x 2
5
62
11.8
33
2.2
6.8
22 x 2
3.3
75
24
22
2.2
3.6
22 x 2
2.5
25.5
12
16
2.2
3.6
22 x 2
1.5
10.5
12
10
2.2
2
22 x 2
1.2
12
24
8.2
2.2
2
22 x 2
1
3
12
6.8
2.2
2
22 x 2
Table 1. Suggested Components Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
3.6µH
0.1µF
22µF x 2
R1
75k
R2
24k
VOUT
3.3V
10µF x 2
VIN
4.5V to 18V
RT7257B
SS
8
CSS
COMP
CC
2.2nF
RC
22k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1µF
COUT
REN 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com