Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LOG114EVM Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG114EVM
Description  LOG114EVM User Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LOG114EVM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG114EVM Datasheet HTML 3Page - Texas Instruments LOG114EVM Datasheet HTML 4Page - Texas Instruments LOG114EVM Datasheet HTML 5Page - Texas Instruments LOG114EVM Datasheet HTML 6Page - Texas Instruments LOG114EVM Datasheet HTML 7Page - Texas Instruments LOG114EVM Datasheet HTML 8Page - Texas Instruments LOG114EVM Datasheet HTML 9Page - Texas Instruments LOG114EVM Datasheet HTML 10Page - Texas Instruments LOG114EVM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
+
+5 V
www.ti.com
Connecting to the LOG114EVM
3
Connecting to the LOG114EVM
The LOG114 requires only a few connections to operate: a 5-V power supply, an input source such as a
photodiode or resistor, and a digital voltmeter or oscilloscope.
3.1
Electrostatic Discharge Warning
CAUTION
Many of the components on the LOG114EVM are susceptible to damage by
electrostatic discharge (ESD). Customers are advised to observe proper ESD
handling precautions when unpacking and handling the EVM, including the use
of a grounded wrist strap at an approved ESD workstation.
3.2
Basic Connections
The connections for 5 V and ground are clearly marked on the LOG114EVM PCB. Figure 6 shows how to
properly connect the power supply to the connector.
Figure 6. Connecting the 5V Power Supply
3.3
Using a Photodiode
An anode of a photodiode can be connected to the LOG114 by either using the pads or pin sockets on the
LOG114EVM. To use the high-current linearity correction circuitry, connect the photodiode as illustrated in
Figure 7.
Figure 7. Using a Photodiode with the High-Current Linearity Correction Circuitry
7
SBOU110
– September 2011
LOG114EVM User Guide
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com