Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9513 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9513
Description  Linear Single Cell Li-Ion Battery Charger IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9513 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9513 Datasheet HTML 1Page - Richtek Technology Corporation RT9513 Datasheet HTML 2Page - Richtek Technology Corporation RT9513 Datasheet HTML 3Page - Richtek Technology Corporation RT9513 Datasheet HTML 4Page - Richtek Technology Corporation RT9513 Datasheet HTML 5Page - Richtek Technology Corporation RT9513 Datasheet HTML 6Page - Richtek Technology Corporation RT9513 Datasheet HTML 7Page - Richtek Technology Corporation RT9513 Datasheet HTML 8Page - Richtek Technology Corporation RT9513 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9513
7
DS9513-01 April 2011
www.richtek.com
The parameter KSET = 300 ; VSET = 2.5V. RSETA is the
resistor connected between the ISETA and GND.
Pre- Charge Current Setting
During a charge cycle if the battery voltage is below the
VPRECH threshold, the RT9513 applies a pre-charge mode
to the battery. This feature revives deeply discharged cells
and protects battery life. The RT9513 internal determines
the pre-charge rate as 10% of the fast-charge current.
Battery Voltage Regulation
The RT9513 monitors the battery voltage through the BATT
pin. Once the battery voltage level closes to the VREG
threshold, the RT9513 voltage enters constant phase and
the charging current begins to taper down. When battery
voltage is over the VREG threshold, the RT9513 will stop
charge and keep to monitor the battery voltage. However,
when the battery voltage decreases 100mV below the
VREG, it will be recharged to keep the battery voltage.
Charge Status Outputs
The open-drain CHG_S and PGOOD outputs indicate
various charger operations as shown in the following table.
These status pins can be used to drive LEDs or
communicate to the host processor. Note that ON
indicates the open-drain transistor is turned on and LED
is bright.
Application Information
Automatically Power Source Selection
The RT9513 is a battery charger IC which is designed for
Li-ion Battery with 4.2V rated voltage.
AC Mode : When the AC input voltage (ACIN) is higher
than the UVP voltage level (4.4V), the RT9513 will enter
AC Mode. In the AC Mode, ACIN P-MOSFET is turned on
and USB P-MOSFET is turned off.
Sleep Mode : The RT9513 will enter Sleep Mode when
AC input voltage are removed. This feature provides low
leakage current from the battery during the absence of
input supply.
ACIN Over Voltage Protection
The AC input voltage is monitored by an internal OVP
comparator. The comparator has an accurate reference of
2.5V from the band-gap reference. The OVP threshold is
set by the internal resistive. The protection threshold is
set to 6.5V. When the input voltage exceeds the threshold,
the comparator outputs a logic signal to turn off the power
P-MOSFET to prevent the high input voltage from damaging
the electronics in the handheld system. When the input
over oltage condition is removed (ACIN < 6V), the
comparator re-enables the output by running through the
soft-start.
SET
charge_ac
SET
SETA
V
I
= K
R
Figure 1. AC Mode Charge Current Setting
0
200
400
600
800
1000
1200
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
RSETA (k
Ω)
Charge State
CHG_S
PGOOD
ACIN
Charge
ON
ON
Charge done
OFF
ON
Fast-Charge Current Setting
The RT9513 offers ISETA pin to determine the AC charge
rate from 100mA to 1.2A. The charge current can be
calculated as following equation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com