Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BDV64 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDV64
Description  PNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDV64 Datasheet(HTML) 3 Page - Comset Semiconductor

  BDV64 Datasheet HTML 1Page - Comset Semiconductor BDV64 Datasheet HTML 2Page - Comset Semiconductor BDV64 Datasheet HTML 3Page - Comset Semiconductor BDV64 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDV64-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff
Current
VCE= -30 V, IB= 0
BDV64
-
-
-2
mA
VCE= -40 V, IB= 0
BDV64A
VCE= -50 V, IB= 0
BDV64B
VCE= -60 V, IB= 0
BDV64C
IEBO
Emitter Cutoff Current
VBE= -5 V, IC= 0
BDV64
-
-
-5
mA
BDV64A
BDV64B
BDV64C
ICBO
Collector Cutoff
Current
IE= 0
Tj=25°C
VCB= -60 V
BDV64
-
-
-0.4
mA
VCB= -80 V
BDV64A
VCB= -100 V
BDV64B
VCB= -120 V
BDV64C
IE= 0
Tj=150°C
VCB= -30 V
BDV64
-
-
-2
VCB= -40 V
BDV64A
VCB= -50 V
BDV64B
VCB= -60 V
BDV64C
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= -30 mA, IB = 0
BDV64
-60
-
-
V
BDV64A
-80
-
BDV64B
-100
-
-
BDV64C
-120
-
-
hFE
DC Current Gain (*)
VCE= -4 V, IC= -5 A
BDV64
1000
-
-
-
BDV64A
BDV64B
BDV64C
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -5 A, IB= -20 mA
BDV64
-
-
-2
V
BDV64A
BDV64B
BDV64C
VBE
Base-Emitter
Voltage(*)
VCE= -4 V, IC= -5 A
BDV64
-
-
-2,5
V
BDV64A
BDV64B
BDV64C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 1.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com