Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2CL73 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL73
Description  5mA 12kV HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL73 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL73 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2CL73
Mark
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5
125
120
-40 to +125
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL73
Cathode Mark
27 min.
27 min.
10
o 3.0
o 0.6
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
1.0
2CL73
Type
2CL73
2CL73
35
5.0
2.0
0.5
12
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
peak
=IF(AV)
5mA 12kV HIGH VOLTAGE DIODES


Similar Part No. - 2CL73

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL73 EDI-2CL73 Datasheet
56Kb / 1P
HIGH VOLTAGE, LOW CURRENT SILICON RECTIFIER DIODES
logo
Anshan Suly Electronics
2CL73 ANSHAN-2CL73 Datasheet
347Kb / 2P
High voltage rectifier diodes 2CL73 adopts high reliable mesa structure and diffusion craftwork epoxy resin molded in a compact sturcture , .
logo
SUNMATE electronic Co.,...
2CL73 SUNMATE-2CL73 Datasheet
190Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
American Microsemicondu...
2CL73 AMMSEMI-2CL73 Datasheet
558Kb / 4P
High Voltage Diodes
logo
GETAI ELECTRONICS DEVIC...
2CL73 GETEDZ-2CL73 Datasheet
626Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL73

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
12kV 350mA HIGH VOLTAGE DIODES
HVP-12 GETEDZ-HVP-12 Datasheet
127Kb / 1P
12kV 750mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120 Datasheet
98Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
ESJA52-12A GETEDZ-ESJA52-12A Datasheet
75Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
SHV-12 GETEDZ-SHV-12 Datasheet
68Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
350mA 12kV HIGH VOLTAGE DIODES
HV600S12 GETEDZ-HV600S12 Datasheet
68Kb / 1P
600mA 12kV HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
2CL73 GETEDZ-2CL73_16 Datasheet
75Kb / 1P
5mA 12kV HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com