Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUZ73A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BUZ73A
Description  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ73A Datasheet(HTML) 2 Page - Comset Semiconductor

  BUZ73A Datasheet HTML 1Page - Comset Semiconductor BUZ73A Datasheet HTML 2Page - Comset Semiconductor BUZ73A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BUZ73A
01/10/2012
COMSET SEMICONDUCTORS
2/3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, chip case
<3.1
°C/W
RthJA
Thermal Resistance, chip to ambient
<75
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VDSS
Drain-Source Breakdown
Voltage
ID=250 µA, VGS=0 V
200
-
-
V
VGS(th)
Gate-threshold Voltage
ID=1 mA, VGS= VDS
2.1
3
4
V
IDSS
Zero Gate Voltage Drain
Current
VDS=200 V, VGS=0 V
Tj=25 °C
-
0.1
1
µA
VDS=200 V, VGS=0 V
Tj=125 °C
-
1
100
IGSS
Gate-Source leakage Current
VGS=20 V, VDS=0 V
-
10
100
nA
RDS(on)
Drain-Source on Resistance
ID=4.5 A, VGS=10 V
-
0.5
0.6
gfs
Transconductance
VDS >2 * ID * RDS(on)max
ID=4.5 A
3
4.2
-
S
CISS
Input Capacitance
VGS=0 V, VDS=25 V
f= 1MHz
-
400
530
pF
COSS
Output Capacitance
-
85
130
CRSS
Reverse transfer Capacitance
-
45
70
td(on)
Turn-on Delay Time
VDD=30 V, VGS=10 V
ID=3 A
RGS= 50 Ω
-
10
15
ns
tr
Rise time
-
40
60
td(off)
Turn-off Delay Time
-
55
75
tf
Fall Time
-
30
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com