Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HVRT150 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT150
Description  15kV 30mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT150 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT150 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRT150
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
125
100
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=15kV
at 100°C,VR=15kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRT150
Cathode Mark
29 min.
29 min.
12
o 3.0
o 0.6
Cathode Mark
Lot No.
15kV 30mA HIGH VOLTAGE DIODES
2012
=0V,f=1MHz
1.0
HVRT
Type
Mark
HVRT150
HVRT150
30
20
2.0
3.0
15
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
at 25°C,IF =IF(AV)
HVCA
TM
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com


Similar Part No. - HVRT150

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
HVRT150 LEADSUN-HVRT150 Datasheet
287Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
HVRT150 GETEDZ-HVRT150_16 Datasheet
90Kb / 1P
15kV 30mA HIGH VOLTAGE DIODES
HVRT150 GETEDZ-HVRT150_17 Datasheet
514Kb / 2P
30mA 15kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - HVRT150

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRL150 GETEDZ-HVRL150 Datasheet
74Kb / 1P
15kV 30mA HIGH VOLTAGE DIODE
HVRT120 GETEDZ-HVRT120 Datasheet
98Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
HVRT200 GETEDZ-HVRT200 Datasheet
98Kb / 1P
20kV 30mA HIGH VOLTAGE DIODES
HVRT300 GETEDZ-HVRT300 Datasheet
99Kb / 1P
30kV 30mA HIGH VOLTAGE DIODES
HVRL150 GETEDZ-HVRL150_16 Datasheet
95Kb / 1P
15kV 30mA HIGH VOLTAGE DIODE
HVRT080 GETEDZ-HVRT080_16 Datasheet
87Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT100 GETEDZ-HVRT100_16 Datasheet
90Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT150 GETEDZ-HVRT150_16 Datasheet
90Kb / 1P
15kV 30mA HIGH VOLTAGE DIODES
HVRT300 GETEDZ-HVRT300_16 Datasheet
91Kb / 1P
30kV 30mA HIGH VOLTAGE DIODES
HVRT150 GETEDZ-HVRT150_17 Datasheet
514Kb / 2P
30mA 15kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com