Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP125 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP125
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP125 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP125 Datasheet HTML 1Page - Comset Semiconductor TIP125 Datasheet HTML 2Page - Comset Semiconductor TIP125 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP TIP125-126-127
08/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-case
From junction-case
1.92
°C/W
RthJ-amb
From junction-ambient
62.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
IE= 0
VCB = -VCBOmax
TIP125
-
-
-0.2
mA
TIP126
TIP127
ICEO
Collector Cutoff
Current
IE= 0
VCE = 1/2 -VCEOmax
TIP125
-
-
-0.5
mA
TIP126
TIP127
IEBO
Emitter Cutoff
Current
VEB= -5 V
IC= 0
TIP125
-
-
-2
mA
TIP126
TIP127
VCEO
Collector-Emitter
Breakdown Voltage
(*)
IC= -30 mA
IB= 0
TIP125
-60
-
-
V
TIP126
-80
-
-
TIP127
-100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage
(*)
IC= -3 A
IB= -12 mA
TIP125
-
-
-2
V
TIP126
TIP127
IC= -5 A
IB= -20 mA
TIP125
-
-
-4
TIP126
TIP127
VBE(on)
Base-Emitter
Voltage (*)
IC= -3 A
VCE= -3 V
TIP125
-
-
-2.5
V
TIP126
TIP127
hFE
DC Current Gain (*)
VCE= -3.0 V
IC= -0.5 A
TIP125
1000
-
-
-
TIP126
TIP127
VCE= -3.0 V
IC= -3 A
TIP125
1000
-
-
TIP126
TIP127
COB
Output Capacitance
IE= 0, VCB = -10 V
ftest= 1MHz
TIP125
-
-
200
pF
TIP126
TIP127
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com