Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6480 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6480
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480 Datasheet(HTML) 1 Page - STMicroelectronics

  L6480 Datasheet HTML 1Page - STMicroelectronics L6480 Datasheet HTML 2Page - STMicroelectronics L6480 Datasheet HTML 3Page - STMicroelectronics L6480 Datasheet HTML 4Page - STMicroelectronics L6480 Datasheet HTML 5Page - STMicroelectronics L6480 Datasheet HTML 6Page - STMicroelectronics L6480 Datasheet HTML 7Page - STMicroelectronics L6480 Datasheet HTML 8Page - STMicroelectronics L6480 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
This is information on a product in full production.
December 2012
Doc ID 023278 Rev 3
1/73
73
L6480
cSPIN™: microstepping motor controller
with motion engine and SPI
Datasheet
− production data
Features
■ Operating voltage: 7.5 V - 85 V
■ Dual full-bridge gate driver for N-channel
MOSFETs
■ Fully programmable gate driving
■ Embedded Miller clamp function
■ Programmable speed profile
■ Up to 1/128 microstepping
■ Sensorless stall detection
■ Integrated voltage regulators
■ SPI interface
■ Low quiescent standby currents
■ Programmable non-dissipative overcurrent
protection
■ Overtemperature protection
Applications
■ Bipolar stepper motor
Description
The L6480, realized in analog mixed signal
technology, is an advanced fully integrated
solution suitable for driving two-phase bipolar
stepper motors with microstepping.
It integrates a dual full-bridge gate driver for N-
channel MOSFET power stages with embedded
non-dissipative overcurrent protection. Thanks to
a unique voltage mode driving mode which
compensates for BEMF, bus voltage and motor
winding variations, the microstepping of a true
1/128-step resolution is achieved. The digital
control core can generate user defined motion
profiles with acceleration, deceleration, speed or
target position easily programmed through a
dedicated register set. All application commands
and data registers, including those used to set
analog values (i.e. current protection trip point,
deadtime, PWM frequency, etc.) are sent through
a standard 5-Mbit/s SPI. A very rich set of
protections (thermal, low bus voltage, overcurrent
and motor stall) make the L6480 “bullet proof”, as
required by the most demanding motor control
applications.
HTSSOP38
Table 1.
Device summary
Order codes
Package
Packaging
L6480H
HTSSOP38
Tube
L6480HTR
HTSSOP38
Tape and reel
www.st.com


Similar Part No. - L6480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6482 STMICROELECTRONICS-L6482 Datasheet
1,012Kb / 73P
cSPIN?? microstepping motor controller with motion engine and SPI
19-Dec-2012
L6482H STMICROELECTRONICS-L6482H Datasheet
1,012Kb / 73P
cSPIN?? microstepping motor controller with motion engine and SPI
19-Dec-2012
L6482HTR STMICROELECTRONICS-L6482HTR Datasheet
1,012Kb / 73P
cSPIN?? microstepping motor controller with motion engine and SPI
19-Dec-2012
logo
Hamamatsu Corporation
L6486 HAMAMATSU-L6486 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
More results

Similar Description - L6480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
A4989 ALLEGRO-A4989 Datasheet
497Kb / 17P
The A4989 is a dual full-bridge gate driver with integrated microstepping translator suitable for driving a wide range of higher power industrial bipolar 2-phase stepper motors (typically 30 to 500 W).
logo
ON Semiconductor
NLVASB3157 ONSEMI-NLVASB3157 Datasheet
139Kb / 10P
The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
logo
TRINAMIC Motion Control...
TMC5031 TRINAMIC-TMC5031 Datasheet
1Mb / 63P
Dual, cost-effective controller and driver for up to two 2-phase bipolar stepper motors.
logo
STMicroelectronics
L9942XP1TR STMICROELECTRONICS-L9942XP1TR Datasheet
524Kb / 40P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
19-Sep-2013
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
L9942 stepper motor driver for bipolar stepper motors
05-Dec-2013
AN1451 STMICROELECTRONICS-AN1451 Datasheet
1Mb / 43P
L6208 FULLY INTEGRATED TWO PHASE
Oct-2003
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com