Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS2520 Datasheet(PDF) 9 Page - ams AG

Part # AS2520
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520 Datasheet(HTML) 9 Page - ams AG

Back Button AS2520 Datasheet HTML 5Page - ams AG AS2520 Datasheet HTML 6Page - ams AG AS2520 Datasheet HTML 7Page - ams AG AS2520 Datasheet HTML 8Page - ams AG AS2520 Datasheet HTML 9Page - ams AG AS2520 Datasheet HTML 10Page - ams AG AS2520 Datasheet HTML 11Page - ams AG AS2520 Datasheet HTML 12Page - ams AG AS2520 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 9
May 1999
Electrical Characteristics
Absolute Maximum Ratings*
Supply Voltage............................................................................................................................... -0.3
≤ V
DD
≤ 7V
Input Current..........................................................................................................................................+/- 25 mA
Input Voltage (LS) ....................................................................................................................... -0.3V
≤ V
IN
≤ 10V
Input Voltage (LI, CS, SS).............................................................................................................-0.3V
≤ V
IN
≤ 8V
Input Voltage (STB, RI) .........................................................................................................-2V
≤ V
IN
≤ V
DD +0.3V
Digital Input Voltage .......................................................................................................... -0.3V
≤ V
IN
≤ V
DD
+ 0.3V
Electrostatic Discharge ..........................................................................................................................+/- 1000V
Storage Temperature Range........................................................................................................... -65 to +125°C
Total Power Dissipation ............................................................................................................................ 500mW
*Exceeding these figures may cause permanent damage. Functional operation under these conditions is not permitted.
Recommended Operating Range
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
V
DD
Supply Voltage (internally generated)
Speech mode
3.0
4.1
5.5
V
V
PP
Supply Voltage (internally regulated)
Speech mode
3.0
4.1
5.5
V
T
AMB
Ambient Operating Temp. Range
-25
+70
°C
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
DC Characteristics (I
LINE = 15 mA, recommended operating conditions unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
I
DD
Operating Supply Current
HS = high
LE = high
HS and LE = high
PD = high, CM running
5
5
5
300
7
7
7
mA
mA
µA
µA
I
DDPD
I
DD0
Power-Down Current
Standby Current
PD = high
All digital inputs = V
SS
200
1
µA
µA
V
LI
Line Voltage
13 mA< I
LINE < 100 mA
4.2
4.5
4.8
V
I
OL
Output Current, Sink
Pin CS, SS
V
OL = 0.4V
1.5
mA
I
OL
Output Current, Sink
Pin CM
V
OL = 0.4V
1.5
mA
V
IL
Input Low Voltage
T
AMB = 25°C
V
SS
0.2 V
DD
V
V
IH
Input High Voltage
T
AMB = 25°C
0.8 V
DD
V
DD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com