Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSQ976-NR-1-0-20-R18 Datasheet(PDF) 41 Page - Microchip Technology

Part # LSQ976-NR-1-0-20-R18
Description  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 37Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 38Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 39Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 40Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 41Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 42Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 43Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 44Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
SX1239 Receiver PICtail™ Daughter Board Schematics
 2012 Microchip Technology Inc.
DS41646A-page 41
TABLE B-1:
SX1239 RECEIVER PICtail™ BOM
Qty
Designator
Value
Description
Manufacturer
Manufacturer
Part Number
1
A1
Wire, 24AWG, Solid, PVC
Insul, Yellow
Alpha Wire
3050/1 YL005
1
C3, C4
0.1 µF
Cap, Ceramic, 0.1uF, 16V
+/-10% X7R
Murata Electronics
North America
GRM155R71C104KA88D
4
C6, C7, C8, C9
15 pF
Cap, Ceramic, 15pF, 50V
+/-5% COG
Murata Electronics
North America
GRM1555C1H150JZ01D
1
E1
Pin Receptacle,
.015/.025Dia, 0667 Series
Mill-Max
Manufacturing Corp.
0667-0-15-01-30-27-10-0
1
J1
Terminal strip, 2X14,
0.100sp, Rt Angle, 0.025 sq
post
SAMTEC
TSW-114-08-F-D-RA
1
S1
Switch, DPDT, Miniature
Slide, Vert, SMD
E-Switch
EG1390A
1
U1
RF Transceiver,
433/868/915 MHz, Low
Power, QFN24
SEMTECH
SX1239IMLTRT
1
Y1
32 MHz
Crystal, 32.0000 MHz,
10pF, SMD TXC Series 7M
TXC
CORPORATION
7M-32.000MEEQ-T
1
C2
1.2 pF
Cap, Ceramic, 1.2pF, 50V
+/-0.25pF COG
Murata Electronics
North America
GRM1555C1H1R2CZ01D
1
L2
68 nH
Inductor, 68nH, 140mA, Air
Core, 5%
Murata Electronics
North America
LQW15AN68NJ00D
2
C1, C5
22 pF
Cap, Ceramic, 22pF, 50V
+/-5% COG
Murata Electronics
North America
GRM1555C1H220JZ01D
1
L1
12 nH
Inductor, 12nH, 500mA, Air
Core, 5%
Murata Electronics
North America
LQG15HS12NJ02D
Note:
Designator A1 Wire Antenna: Cut to 6.75 in. OAL.
1
C1
4.7 pF
Cap, Ceramic, 4.7pF, 50V
Murata Electronics
GRM1555C1H4R7CZ01D
1
L1
13 nH
Inductor, 13nH, 500mA, Air
Core, 5%
TDK Corporation
MLG1005S13NJ
1
C5
3.6 pF
Cap, Ceramic, 3.6pF, 50V
+/-5% COG
Murata Electronics
North America
GRM1555C1H3R6CZ01D
Note:
Designator A1 Wire Antenna: Cut to 6.75 in. OAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com