Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD1816AJS Datasheet(PDF) 44 Page - Analog Devices

Part # AD1816AJS
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816AJS Datasheet(HTML) 44 Page - Analog Devices

Back Button AD1816AJS Datasheet HTML 40Page - Analog Devices AD1816AJS Datasheet HTML 41Page - Analog Devices AD1816AJS Datasheet HTML 42Page - Analog Devices AD1816AJS Datasheet HTML 43Page - Analog Devices AD1816AJS Datasheet HTML 44Page - Analog Devices AD1816AJS Datasheet HTML 45Page - Analog Devices AD1816AJS Datasheet HTML 46Page - Analog Devices AD1816AJS Datasheet HTML 47Page - Analog Devices AD1816AJS Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AD1816A
–44–
REV. A
Byte 2
76543210
IRQSEL4—9—11
IRQSEL9—14
IRQSEL11—15
IRQSEL4—10
XTRASZ0[3:0]
XTRASZ0[3:0]
Sets the XTRA device I/O range 0 length. The XTRASZ0 bits set the length of the first XTRA
device I/O range as follows:
XTRASZ0
I/O Range Length
0000
16
1000
8
1100
4
1110
2
1111
1
All other combinations should be avoided.
IRQSEL4_10
Program to one to enable IRQ 10. (*, if MODEM_EN is zero)
Program to zero to enable IRQ 4. (*, if MODEM_EN is one)
IRQSEL11_15
Program to one to enable IRQ 15. (*)
Program to zero to enable IRQ 11.
IRQSEL9_14
Program to one to enable IRQ 14.
Program to zero to enable IRQ 9. (*)
IRQSEL4_9_11
Program to one to enable IRQ 11. (*)
Program to zero to enable IRQ 4 (if MODEM_EN is one) or IRQ 9 (if MODEM_EN is zero).
Byte 3
76543210
XTRASZ1[3:0]
XTRA—CS
IRQ—EN
MIRQINV
XIRQINV
XIRQINV
Program to one to make LD_IRQ active-low.
Program to zero to make LD_IRQ active-high. (*)
MIRQINV
Program to one to make MDM_IRQ active-low.
Program to zero to make MDM_IRQ active-high. (*)
IRQ_EN
Program to one to enable additional IRQ options on the ISA bus. If MODEM_EN is zero, then two IRQs are
added; if MODEM_EN is one, this bit is ignored. Program to zero to enable I
2S port 1 (SUPER_EN and
MODEM_EN must also be zero). (*)
XTRA_CS
Program to one to enable a second I/O range for the XTRA or SUPER logical devices. It is identical to
the first I/O range, except its size is controlled by XTRASZ1[3:0]. Program to zero to enable the XCTR1/
RING_IN pin. (*) Always considered to be zero if XTRA_EN is zero.
XTRASZ1[3:0]
Sets the XTRA device I/O range one length. The XTRASZ1 bits set the length of the second XTRA device I/O
range as follows:
XTRASZ1
I/O Range Length
0000
16
1000
8
1100
4
1110
2
1111
1
All other combinations should be avoided.
USING THE AD1816A WITHOUT AN EEPROM
If the EEPROM is absent (EE_CLK pin = GND), then the flags are set as shown below:
MODEM_EN = XTRA_EN = SUPER_EN = XTRA_HV = RSTB_EN = IRQ_EN = 0
IRQSEL9_14 = MIRQINV = XIRQINV = 0
IRQSEL4_10 = IRQSEL11_15 = IRQSEL4_9_11 = 1
I
2S0_HV = EE_DATA pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com