Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SR1040C Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SR1040C
Description  10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SR1040C Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SR1040C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SR1040C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
SR1040C
SR1060C
SR10100C
SR10150C
SR10200C UNIT
Maximum repetitive peak reverse voltage
VRRM
40
60
100
150
200
V
Maximum RMS voltage
VRMS
28
42
70
105
140
V
Maximum DC blocking voltage
VDC
40
60
100
150
200
V
Maximum average forward rectified current
(Total)
(Per Leg)
IF
10
5
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
100.0
A
Maximum Instantaneous Forward Voltage
IF=5A @ 25°C
VF
0.55
0.70
0.85
0.92
V
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
IR
0.5
20
0.2
5
mA
Typical Junction Capacitance(NOTE1)
Cj
250
200
150
pF
Typical Thermal Resistance
RθJC
3
°C/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
WILLAS ELECTRONIC CORP.
201
2-08
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
TO-220 PACKAGE
TO-220
Dimensions in inches and (millimeters)
Mechanical Date
‧Case:TO-220
‧Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
‧Terminals: Matte Tin Finish annealed over copper
Lead frame. Solderable per MIL-STD-202
‧Weight: 1.
grams (approximate)
Features
‧Guard Ring for over voltage Protection
‧High forward surge capability
‧High frequency operation
‧Component in accordance to RoHS 2002/95/EC
S
R1040C
THRU
S
R10200C
‧
.270(6.9)
.230(5.8)
.177(4.50)
.140(3.56)
.039(1.00)
.023(0.60)
.057(1.45)
.046(1.16)
.187(4.82)
.148(3.8)
.053(1.4)
.043(1.1)
.028(0.7)
.014(0.36)
.126
(3. 20 )
.129(3.3)
.1(2.54)
.153(3.9)
.146(3.7)
.583(14.8)
.499(12.7)
.413(10.5)
.374(9.5)
.624(15.87)
.578(14.7)
.102(2.6)
.091(2.3)
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - SR1040C

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR1040C CHENDA-SR1040C Datasheet
175Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SR1040C CHENDA-SR1040C Datasheet
175Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SR1040C SHUNYE-SR1040C Datasheet
261Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Rectron Semiconductor
SR1040CK RECTRON-SR1040CK Datasheet
223Kb / 5P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1040C

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR10200FCT PACELEADER-MBR10200FCT Datasheet
400Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com