Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B04AF Datasheet(PDF) 2 Page - Dc Components

Part # B04AF
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

B04AF Datasheet(HTML) 2 Page - Dc Components

  B04AF Datasheet HTML 1Page - Dc Components B04AF Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES (B04AF THRU B04MF)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
80
0.01
10
100
1.0
60
20
40
FIG. 1 - DERATING CURVE FOR OUTPUT
CURRENT
AMBIENT TEMPERATURE, (oC)
.01
100
120
140
0
0.1
0.2
0.4
0.3
30
60
90
120
0
150
10
0.5
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
10
10
100
0
5
15
20
25
30
8.3ms Single Half Sine-Wave
JEDEC Method
0.01
1.0
.6
.8
10
.2
.4
1.0
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.2
0.1
Pulse Width = 300
µS
1% Duty Cycle
TJ = 25OC
TJ= 25oC
TJ= 75oC
TJ= 125oC
Single Phase Half Wave 60Hz
Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com