Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE2301 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2301
Description  P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2301 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2301 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2301 Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACE2301
P-Channel Enhancement Mode MOSFET
VER 1.3
3
Gate-Drain Charge
Qgd
1.7
Turn-On Delay Time
Td(on)
VDD=-6V,RL=6Ω
ID=-1A, VGEN=-4.5V
RG=6Ω
13
25
ns
Turn-On Rise Time
Tf
36
60
Turn-Off Delay Time
td(off)
42
70
Turn-Off Fall Time
tf
34
60
Input Capacitance
Ciss
VDS=-6V, VGS=0V
F=1.0MHz
415
pF
Output Capacitance
Coss
223
Reverse Transfer Capacitance
Crss
87
Source-Drain Diode
Max. Diode Forward Current
IS
-1.6
A
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-1.2
V
Note: Pulse test pulse width<=300us, duty cycle<=2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com